Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHR-B10 Datasheet(PDF) 2 Page - LEM

Part # AHR-B10
Description  AC/DC Current transducer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

AHR-B10 Datasheet(HTML) 2 Page - LEM

  AHR-B10 Datasheet HTML 1Page - LEM AHR-B10 Datasheet HTML 2Page - LEM AHR-B10 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Current Transducer AHR-B10
Isolation characteristics
V
b
Rated isolation voltage rms 1)
500
V
with IEC 61010-1 according to the 61326 standards and following conditions:
- Reinforced isolation
- Over voltage category III
- Pollution degree PD2
- Heterogeneous field
V
d
Rms voltage for AC isolation test 2) , 50 Hz, 1min
5.8
kV
dCp
Creepage distance
11.9
mm
dCl
Clearance distance
11.9
mm
CTI
Comparative tracking index (Group I)
250-399
Notes : 1) If insulated cable is used for the primary circuit, the voltage category could
be improved according to the insulation characteristics given by the cable
manufacturer.
2) Between primary (completely filling the aperture) and secondary.
Output polarity with DC input
Output in V
10
0
+Ipn
-Ipn
061128/6
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 2/3
Safety
This transducer must be used in electric/electronic equipment with respect to
applicable standards and safety requirements in accordance with the
manufacturer’s operating instructions.
Installation and maintenance should be done with main power supply
disconnected.
The operator must have an accreditation to install this material.
Caution! Risk of electrical shock
When operating the transducer, certain parts of the module can carry hazardous
voltage (e.g. primary conductor, power supply).
Ignoring this warning can lead to injury and/or cause serious damage.
The user must take care of all protection guarantee against electrical shock.
This transducer is a built-in device, whose conducting parts must be inaccessible
after installation. A protective housing or additional shield could be used.


Similar Part No. - AHR-B10

ManufacturerPart #DatasheetDescription
logo
LEM
AHR-B420 LEM-AHR-B420 Datasheet
361Kb / 3P
   AC/DC Current transducer
AHR-B5 LEM-AHR-B5 Datasheet
844Kb / 3P
   AC/DC Current transducer
More results

Similar Description - AHR-B10

ManufacturerPart #DatasheetDescription
logo
LEM
DHR500C10 LEM-DHR500C10_12 Datasheet
641Kb / 4P
   AC/DC Current Transducer
DHR-C10 LEM-DHR-C10 Datasheet
643Kb / 4P
   AC/DC Current Transducer
DHR-C420 LEM-DHR-C420 Datasheet
881Kb / 3P
   AC/DC Current transducer
AHR-B5 LEM-AHR-B5 Datasheet
844Kb / 3P
   AC/DC Current transducer
DHR500C420 LEM-DHR500C420_12 Datasheet
688Kb / 4P
   AC/DC Current Transducer
DHR100C10 LEM-DHR100C10 Datasheet
880Kb / 3P
   AC/DC Current transducer
AHR-B420 LEM-AHR-B420 Datasheet
361Kb / 3P
   AC/DC Current transducer
DHR-C420 LEM-DHR-C420_12 Datasheet
688Kb / 4P
   AC/DC Current Transducer
DHR500C5 LEM-DHR500C5_12 Datasheet
641Kb / 4P
   AC/DC Current Transducer
DHR-C5 LEM-DHR-C5 Datasheet
880Kb / 3P
   AC/DC Current transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com