Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J112 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # J112
Description  N-Channel Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

J112 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  J112 Datasheet HTML 1Page - Fairchild Semiconductor J112 Datasheet HTML 2Page - Fairchild Semiconductor J112 Datasheet HTML 3Page - Fairchild Semiconductor J112 Datasheet HTML 4Page - Fairchild Semiconductor J112 Datasheet HTML 5Page - Fairchild Semiconductor J112 Datasheet HTML 6Page - Fairchild Semiconductor J112 Datasheet HTML 7Page - Fairchild Semiconductor J112 Datasheet HTML 8Page - Fairchild Semiconductor J112 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
5
G
D
S
J111
J112
J113
MMBFJ111
MMBFJ112
MMBFJ113
N-Channel Switch
This device is designed for low level analog switching, sample
and hold circuits and chopper stabilized amplifiers. Sourced
from Process 51.
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VDG
Drain-Gate Voltage
35
V
VGS
Gate-Source Voltage
- 35
V
IGF
Forward Gate Current
50
mA
TJ ,Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
SOT-23
Mark: 6P / 6R / 6S
G
S
D
TO-92
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
 2001 Fairchild Semiconductor Corporation
NOTE: Source & Drain
are interchangeable
Symbol
Characteristic
Max
Units
J111-113
*MMBFJ111-113
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
350
2.8
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
125
°C/W
RθJA
Thermal Resistance, Junction to Ambient
357
556
°C/W
J111/112/113/MMBFJ111/112/113, Rev A


Similar Part No. - J112

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
J112 MOTOROLA-J112 Datasheet
110Kb / 4P
   JFET Chopper Transistor (N-Channel- Depletion)
logo
Fairchild Semiconductor
J112 FAIRCHILD-J112 Datasheet
157Kb / 6P
   This device is designed for low level analog switching, sample and hold circuits and chopper stabilized amplifiers
logo
ON Semiconductor
J112 ONSEMI-J112 Datasheet
110Kb / 4P
   JFET Chopper Transistor
1997
logo
Vishay Siliconix
J112 VISHAY-J112 Datasheet
58Kb / 6P
   N-Channel JFETs
Rev. E, 04-Jun-01
logo
NXP Semiconductors
J112 PHILIPS-J112 Datasheet
35Kb / 6P
   N-channel silicon field-effect transistors
July 1993
More results

Similar Description - J112

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
J105 FAIRCHILD-J105_01 Datasheet
482Kb / 12P
   N-Channel Switch
PN4091 FAIRCHILD-PN4091 Datasheet
55Kb / 3P
   N-Channel Switch
PN4391 FAIRCHILD-PN4391 Datasheet
474Kb / 10P
   N-Channel Switch
PN5432 FAIRCHILD-PN5432 Datasheet
300Kb / 7P
   N-Channel Switch
U1898 FAIRCHILD-U1898 Datasheet
26Kb / 3P
   N-Channel Switch
MMBFJ110 FAIRCHILD-MMBFJ110_11 Datasheet
183Kb / 5P
   N-Channel Switch
J109D27Z FAIRCHILD-J109D27Z Datasheet
135Kb / 7P
   N-Channel Switch
logo
ON Semiconductor
J109 ONSEMI-J109 Datasheet
1Mb / 8P
   N-Channel Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
MMBF5434 FAIRCHILD-MMBF5434 Datasheet
73Kb / 4P
   N-Channel Switch
MMBFJ108 FAIRCHILD-MMBFJ108 Datasheet
169Kb / 7P
   N-Channel Switch
PF5103 FAIRCHILD-PF5103 Datasheet
151Kb / 6P
   N-Channel Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com