Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR111 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # XTR111
Description  Precision Voltage-to-Current Converter/Transmitter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

XTR111 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  XTR111_07 Datasheet HTML 1Page - Burr-Brown (TI) XTR111_07 Datasheet HTML 2Page - Burr-Brown (TI) XTR111_07 Datasheet HTML 3Page - Burr-Brown (TI) XTR111_07 Datasheet HTML 4Page - Burr-Brown (TI) XTR111_07 Datasheet HTML 5Page - Burr-Brown (TI) XTR111_07 Datasheet HTML 6Page - Burr-Brown (TI) XTR111_07 Datasheet HTML 7Page - Burr-Brown (TI) XTR111_07 Datasheet HTML 8Page - Burr-Brown (TI) XTR111_07 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
XTR111
SBOS375 − NOVEMBER 2006
www.ti.com
4
TYPICAL CHARACTERISTICS
At TA = +25°C and VVSP = +24V, unless otherwise noted.
510
Supply Voltage (V)
QUIESCENT CURRENT vs SUPPLY VOLTAGE
45
550
530
510
490
470
450
430
410
390
370
350
15
20
25
30
35
40
−75
−50
Temperature (
_C)
QUIESCENT CURRENT vs TEMPERATURE
125
700
650
600
550
500
450
400
350
300
−25
0
25
50
75
100
1k
Frequency (Hz)
GAIN vs FREQUENCY
10M
40
30
20
10
0
−10
−20
−30
−40
10k
100k
1M
R
SET =2kΩ,RLOAD =2kΩ
R
SET =2kΩ,RLOAD =600Ω
R
SET =2kΩ,RLOAD =200Ω
Gain = V
LOAD/VVIN
See Applications Information,
Dynamic Performance
10
Frequency (Hz)
POWER−SUPPLY REJECTION RATIO vs FREQUENCY
1M
140
120
100
80
60
40
20
0
100
1k
10k
100k
R
SET =2kΩ,No Bypass Cap
0.1Hz to 10Hz NOISE, RTI
1s/div
I
OUT =4mA
1
Frequency (Hz)
100k
100
µ
10
µ
1
µ
100n
10n
INPUT−REFERRED NOISE SPECTRUM
I
OUT =2mA
10
100
1k
10k


Similar Part No. - XTR111_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR111AIDGQR TI-XTR111AIDGQR Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111AIDGQR TI1-XTR111AIDGQR Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111AIDGQRG4 TI1-XTR111AIDGQRG4 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111AIDGQT TI1-XTR111AIDGQT Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111AIDGQTG4 TI1-XTR111AIDGQTG4 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
More results

Similar Description - XTR111_07

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111 Datasheet
284Kb / 22P
   Precision Voltage-to-Current Converter/Transmitter
XTR110 BURR-BROWN-XTR110 Datasheet
148Kb / 9P
   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
logo
Texas Instruments
XTR110 TI1-XTR110 Datasheet
825Kb / 19P
[Old version datasheet]   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
XTR111 TI1-XTR111_16 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111AIDGQR TI-XTR111AIDGQR Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111_14 Datasheet
1Mb / 33P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
logo
Burr-Brown (TI)
ALD1000 BURR-BROWN-ALD1000 Datasheet
153Kb / 14P
   Precision Programmable CURRENT/VOLTAGE TRANSMITTER
logo
Microchip Technology
TC1047 MICROCHIP-TC1047_13 Datasheet
168Kb / 12P
   Precision Temperature-to-Voltage Converter
11/29/12
TC962 MICROCHIP-TC962_05 Datasheet
468Kb / 12P
   Precision Temperature-to-Voltage Converter
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com