Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9V3040D3S Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # ISL9V3040D3S
Description  EcoSPARKTM 300mJ, 400V, N-Channel Ignition IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ISL9V3040D3S Datasheet(HTML) 2 Page - Fairchild Semiconductor

  ISL9V3040D3S_04 Datasheet HTML 1Page - Fairchild Semiconductor ISL9V3040D3S_04 Datasheet HTML 2Page - Fairchild Semiconductor ISL9V3040D3S_04 Datasheet HTML 3Page - Fairchild Semiconductor ISL9V3040D3S_04 Datasheet HTML 4Page - Fairchild Semiconductor ISL9V3040D3S_04 Datasheet HTML 5Page - Fairchild Semiconductor ISL9V3040D3S_04 Datasheet HTML 6Page - Fairchild Semiconductor ISL9V3040D3S_04 Datasheet HTML 7Page - Fairchild Semiconductor ISL9V3040D3S_04 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2004 Fairchild Semiconductor Corporation
ISL9V3040D3S / ISL9V3040S3S / ISL9V3040P3 / ISL9V3040S3 Rev. D3, October 2004
Package Marking and Ordering Information
Electrical Characteristics T
A = 25°C unless otherwise noted
Off State Characteristics
On State Characteristics
Dynamic Characteristics
Switching Characteristics
Thermal Characteristics
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
V3040D
ISL9V3040D3ST
TO-252AA
330mm
16mm
2500
V3040S
ISL9V3040S3ST
TO-263AB
330mm
24mm
800
V3040P
ISL9V3040P3
TO-220AA
Tube
N/A
50
V3040S
ISL9V3040S3
TO-262AA
Tube
N/A
50
V3040D
ISL9V3040D3S
TO-252AA
Tube
N/A
75
V3040S
ISL9V3040S3S
TO-263AB
Tube
N/A
50
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVCER
Collector to Emitter Breakdown Voltage
IC = 2mA, VGE = 0,
RG = 1KΩ, See Fig. 15
TJ = -40 to 150°C
370
400
430
V
BVCES
Collector to Emitter Breakdown Voltage
IC = 10mA, VGE = 0,
RG = 0, See Fig. 15
TJ = -40 to 150°C
390
420
450
V
BVECS
Emitter to Collector Breakdown Voltage
IC = -75mA, VGE = 0V,
TC = 25°C
30
-
-
V
BVGES
Gate to Emitter Breakdown Voltage
IGES = ± 2mA
±12
±14
-
V
ICER
Collector to Emitter Leakage Current
VCER = 250V,
RG = 1KΩ,
See Fig. 11
TC = 25°C-
-
25
µA
TC = 150°C-
-
1
mA
IECS
Emitter to Collector Leakage Current
VEC = 24V, See
Fig. 11
TC = 25°C-
-
1
mA
TC = 150°C-
-
40
mA
R1
Series Gate Resistance
-
70
-
R2
Gate to Emitter Resistance
10K
-
26K
VCE(SAT)
Collector to Emitter Saturation Voltage
IC = 6A,
VGE = 4V
TC = 25°C,
See Fig. 3
-
1.25
1.60
V
VCE(SAT)
Collector to Emitter Saturation Voltage
IC = 10A,
VGE = 4.5V
TC = 150°C,
See Fig. 4
-
1.58
1.80
V
VCE(SAT)
Collector to Emitter Saturation Voltage
IC = 15A,
VGE = 4.5V
TC = 150°C
-
1.90
2.20
V
QG(ON)
Gate Charge
IC = 10A, VCE = 12V,
VGE = 5V, See Fig. 14
-17
-
nC
VGE(TH)
Gate to Emitter Threshold Voltage
IC = 1.0mA,
VCE = VGE,
See Fig. 10
TC = 25°C1.3
-
2.2
V
TC = 150°C0.75
-
1.8
V
VGEP
Gate to Emitter Plateau Voltage
IC = 10A, VCE = 12V
-
3.0
-
V
td(ON)R
Current Turn-On Delay Time-Resistive
VCE = 14V, RL = 1Ω,
VGE = 5V, RG = 1KΩ
TJ = 25°C, See Fig. 12
-0.7
4µs
trR
Current Rise Time-Resistive
-
2.1
7
µs
td(OFF)L
Current Turn-Off Delay Time-Inductive
VCE = 300V, L = 500µHy,
VGE = 5V, RG = 1KΩ
TJ = 25°C, See Fig. 12
-
4.8
15
µs
tfL
Current Fall Time-Inductive
-
2.8
15
µs
SCIS
Self Clamped Inductive Switching
TJ = 25°C, L = 3.0 mHy,
RG = 1KΩ, VGE = 5V, See
Fig. 1 & 2
-
-
300
mJ
RθJC
Thermal Resistance Junction-Case
All packages
-
-
1.0
°C/W


Similar Part No. - ISL9V3040D3S_04

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ISL9V3040D3SG-TA3-T UTC-ISL9V3040D3SG-TA3-T Datasheet
168Kb / 4P
   300mJ, 400V, N-CHANNEL IGNITION IGBT
ISL9V3040D3SG-TA3-T UTC-ISL9V3040D3SG-TA3-T Datasheet
199Kb / 4P
   N-CHANNEL JUNCTION FET
ISL9V3040D3SG-TF3-T UTC-ISL9V3040D3SG-TF3-T Datasheet
168Kb / 4P
   300mJ, 400V, N-CHANNEL IGNITION IGBT
ISL9V3040D3SG-TF3-T UTC-ISL9V3040D3SG-TF3-T Datasheet
199Kb / 4P
   N-CHANNEL JUNCTION FET
ISL9V3040D3SG-TN3-R UTC-ISL9V3040D3SG-TN3-R Datasheet
199Kb / 4P
   N-CHANNEL JUNCTION FET
More results

Similar Description - ISL9V3040D3S_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9V3040D3S FAIRCHILD-ISL9V3040D3S Datasheet
196Kb / 8P
   EcoSPARKTM 300mJ, 400V, N-Channel Ignition IGBT
FGB3040CS FAIRCHILD-FGB3040CS_12 Datasheet
590Kb / 9P
   EcoSPARKTM 300mJ, 400V, N-Channel Current Sensing Ignition IGBT
FGB3040CS FAIRCHILD-FGB3040CS Datasheet
428Kb / 9P
   EcoSPARKTM 300mJ, 400V, N-Channel Current Sensing Ignition IGBT
ISL9V3036D3S FAIRCHILD-ISL9V3036D3S_04 Datasheet
170Kb / 8P
   EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
ISL9V3036D3S FAIRCHILD-ISL9V3036D3S Datasheet
200Kb / 8P
   EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
logo
Unisonic Technologies
ISL9V3040D3S UTC-ISL9V3040D3S Datasheet
168Kb / 4P
   300mJ, 400V, N-CHANNEL IGNITION IGBT
logo
Fairchild Semiconductor
ISL9V2040D3S FAIRCHILD-ISL9V2040D3S_04 Datasheet
165Kb / 8P
   EcoSPARKTM 200mJ, 400V, N-Channel Ignition IGBT
FGD3040G2 FAIRCHILD-FGD3040G2 Datasheet
664Kb / 10P
   EcoSPARK짰2 300mJ, 400V, N-Channel Ignition IGBT
logo
ON Semiconductor
FGD3050G2 ONSEMI-FGD3050G2 Datasheet
758Kb / 7P
   EcoSPARKTM 2 300mJ, 500V, N-Channel Ignition IGBT
May, 2017, Rev. 1.0
logo
Fairchild Semiconductor
ISL9V2040D3S FAIRCHILD-ISL9V2040D3S Datasheet
195Kb / 8P
   EcoSPARKTM 200mJ, 400V, N-Channel Ignition IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com