Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

411A Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # 411A
Description  짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

411A Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button 411A Datasheet HTML 4Page - Burr-Brown (TI) 411A Datasheet HTML 5Page - Burr-Brown (TI) 411A Datasheet HTML 6Page - Burr-Brown (TI) 411A Datasheet HTML 7Page - Burr-Brown (TI) 411A Datasheet HTML 8Page - Burr-Brown (TI) 411A Datasheet HTML 9Page - Burr-Brown (TI) 411A Datasheet HTML 10Page - Burr-Brown (TI) 411A Datasheet HTML 11Page - Burr-Brown (TI) 411A Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TMP411
SBOS383A − FEBRUARY 2007
www.ti.com
8
Table 2. Decimal Fraction Temperature Data Format (Local and Remote Temperature Low Bytes)
REMOTE TEMPERATURE
REGISTER LOW BYTE
VALUE
LOCAL TEMPERATURE REGISTER LOW BYTE VALUE
0.0625
°C RESOLUTION
0.5
°C RESOLUTION
0.25
°C RESOLUTION
0.125
°C RESOLUTION
0.0625
°C RESOLUTION
TEMP
(
°C)
STANDARD
AND EXTENDED
BINARY
HEX
STANDARD
AND EXTENDED
BINARY
HEX
STANDARD
AND EXTENDED
BINARY
HEX
STANDARD
AND EXTENDED
BINARY
HEX
STANDARD
AND EXTENDED
BINARY
HEX
0.0000
0000 0000
00
0000 0000
00
0000 0000
00
0000 0000
00
0000 0000
00
0.0625
0001 0000
10
0000 0000
00
0000 0000
00
0000 0000
00
0001 0000
10
0.1250
0010 0000
20
0000 0000
00
0000 0000
00
0010 0000
20
0010 0000
20
0.1875
0011 0000
30
0000 0000
00
0000 0000
00
0010 0000
20
0011 0000
30
0.2500
0100 0000
40
0000 0000
00
0100 0000
40
0100 0000
40
0100 0000
40
0.3125
0101 0000
50
0000 0000
00
0100 0000
40
0100 0000
40
0101 0000
50
0.3750
0110 0000
60
0000 0000
00
0100 0000
40
0110 0000
60
0110 0000
60
0.4375
0111 0000
70
0000 0000
00
0100 0000
40
0110 0000
60
0111 0000
70
0.5000
1000 0000
80
1000 0000
80
1000 0000
80
1000 0000
80
1000 0000
80
0.5625
1001 0000
90
1000 0000
80
1000 0000
80
1000 0000
80
1001 0000
90
0.6250
1010 0000
A0
1000 0000
80
1000 0000
80
1010 0000
A0
1010 0000
A0
0.6875
1011 0000
B0
1000 0000
80
1000 0000
80
1010 0000
A0
1011 0000
B0
0.7500
1100 0000
C0
1000 0000
80
1100 0000
C0
1100 0000
C0
1100 0000
C0
0.8125
1101 0000
D0
1000 0000
80
1100 0000
C0
1100 0000
C0
1101 0000
D0
0.8750
1110 0000
E0
1000 0000
80
1100 0000
C0
1110 0000
E0
1110 0000
E0
0.9385
1111 0000
F0
1000 0000
80
1100 0000
C0
1110 0000
E0
1111 0000
F0
REGISTER INFORMATION
The TMP411 contains multiple registers for holding
configuration information, temperature measurement
results, temperature comparator maximum/minimum,
limits, and status information. These registers are
described in Figure 12 and Table 3.
POINTER REGISTER
Figure 12 shows the internal register structure of the
TMP411. The 8-bit Pointer Register is used to address a
given data register. The Pointer Register identifies which
of the data registers should respond to a read or write
command on the Two-Wire bus. This register is set with
every write command. A write command must be issued
to set the proper value in the Pointer Register before
executing a read command. Table 3 describes the pointer
address of the registers available in the TMP411. The
power-on reset (POR) value of the Pointer Register is 00h
(0000 0000b).
THERM Hysteresis Register
Resolution Register
Configuration Register
Status Register
Identification Registers
Consecutive Alert Register
Local Temperature Min/Max
Conversion Rate Register
Remote Temperature Min/Max
Local and Remote Limit Registers
Local and Remote Temperature Registers
SDA
SCL
Pointer Register
I/O
Control
Interface
Figure 12. Internal Register Structure


Similar Part No. - 411A

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
411 GAMEWELL-FCI-411 Datasheet
175Kb / 4P
   Slave Digital Alarm Communicator Transmitter
logo
Willow Technologies Ltd
411 WILLOW-411 Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
3M Electronics
411 3M-411 Datasheet
53Kb / 2P
   Detectable Buried Barricade Tapes 400 Series
logo
Marathon Special Produc...
411 MARATHON-411 Datasheet
597Kb / 3P
   Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
logo
Marl International Limi...
411-000-22-50 MARL-411-000-22-50 Datasheet
326Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
More results

Similar Description - 411A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_16 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com