Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC2007 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TSC2007
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2007 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  TSC2007 Datasheet HTML 1Page - Burr-Brown (TI) TSC2007 Datasheet HTML 2Page - Burr-Brown (TI) TSC2007 Datasheet HTML 3Page - Burr-Brown (TI) TSC2007 Datasheet HTML 4Page - Burr-Brown (TI) TSC2007 Datasheet HTML 5Page - Burr-Brown (TI) TSC2007 Datasheet HTML 6Page - Burr-Brown (TI) TSC2007 Datasheet HTML 7Page - Burr-Brown (TI) TSC2007 Datasheet HTML 8Page - Burr-Brown (TI) TSC2007 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
www.ti.com
PIN CONFIGURATION
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AUX
NC
A0
A1
SCL
SDA
PENIRQ
NC
VDD/REF
X+
Y+
X
-
Y
-
GND
NC
NC
TSC2007
C lumns
o
(FRONTVIEW)
A
C
B
D
GND
A0
A1
VDD/REF
Y
-
Y+
X+
3
2
1
SCL
PENIRQ
SDA
AUX
X
-
TSC2007
SBAS405 – MARCH 2007
PW PACKAGE
YZG PACKAGE
TSSOP-16
WCSP-12
(TOP VIEW)
(TOP VIEW, SOLDER BUMPS ON BOTTOM SIDE)
PIN ASSIGNMENTS
PIN NO.
PIN
TSSOP
WCSP
NAME
I/O
A/D
DESCRIPTION
1
A2
VDD/REF
Supply voltage and external reference input
2
A3
X+
I
A
X+ channel input
3
B3
Y+
I
A
Y+ channel input
4
C3
X–
I
A
X– channel input
5
D3
Y–
I
A
Y– channel input
6
D2
GND
Ground
7
NC
No connection
8
NC
No connection
9
NC
No connection
10
B1
PENIRQ
O
D
Data available interrupt output. A delayed (process delay) pen touch detect. Pin polarity with active low.
11
C1
SDA
I/O
D
Serial data I/O
Serial clock. This pin is normally an input, but acts as an output when the device stretches the clock to
12
D1
SCL
I/O
D
delay a bus transfer.
13
C2
A1
I
D
Address input bit 1
14
B2
A0
I
D
Address input bit 0
15
NC
No connection
16
A1
AUX
I
A
Auxiliary channel input
5
Submit Documentation Feedback


Similar Part No. - TSC2007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2007 TI-TSC2007 Datasheet
816Kb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI1-TSC2007 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
TSC2007I TI1-TSC2007I Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results

Similar Description - TSC2007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI-TSC2007_1 Datasheet
816Kb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com