Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27200 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27200
Description  120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27200 Datasheet(HTML) 1 Page - Texas Instruments

  UCC27200 Datasheet HTML 1Page - Texas Instruments UCC27200 Datasheet HTML 2Page - Texas Instruments UCC27200 Datasheet HTML 3Page - Texas Instruments UCC27200 Datasheet HTML 4Page - Texas Instruments UCC27200 Datasheet HTML 5Page - Texas Instruments UCC27200 Datasheet HTML 6Page - Texas Instruments UCC27200 Datasheet HTML 7Page - Texas Instruments UCC27200 Datasheet HTML 8Page - Texas Instruments UCC27200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
www.ti.com
FEATURES
CONTENTS
DESCRIPTION
APPLICATIONS
Simplified Application Diagram
PWM
CONTROLLER
+12V
ISOLATION
AND
FEEDBACK
+100V
SECONDARY
SIDE
CIRCUIT
HI
DRIVE
LO
DRIVE
HI
V
DD
UCC27200/1
V
SS
LI
HB
HO
HS
LO
UCC27200, UCC27201
SLUS746 – DECEMBER 2006
120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
• Specified from -40 °C to 140 °C
Device Ratings
2
• Drives Two N-Channel MOSFETs in
High-Side/Low-Side Configuration
Electrical Characteristics
4
• Maximum Boot Voltage 120 V
Device Information
11
• Maximum VDD Voltage 20 V
Application Information
14
• On-Chip 0.65-V VF, 0.6-Ω RD Bootstrap Diode
Additional References
22
• Greater than 1 MHz of Operation
• 20-ns Propagation Delay Times
• 3-A Sink, 3-A Source Output Currents
The
UCC27200/1
family
of
high
frequency
• 8-ns Rise/7-ns Fall Time with 1000-pF Load
N-Channel
MOSFET
drivers
include
a
120-V
• 1-ns Delay Matching
bootstrap diode and high-side/low-side driver with
independent inputs for maximum control flexibility.
• Under Voltage Lockout for High-Side and
This allows for N-Channel MOSFET control in
Low-Side Driver
half-bridge, full-bridge, two-switch forward and active
clamp forward converters. The low-side and the
high-side gate drivers are independently controlled
• Power Supplies for Telecom, Datacom, and
and matched to 1-ns between the turn-on and
Merchant Markets
turn-off of each other.
• Half-Bridge Applications and Full-Bridge
Converters
• Isolated Bus Architecture
• Two-Switch Forward Converters
• Active-Clamp Forward Converters
• High Voltage Synchronous-Buck Converters
• Class-D Audio Amplifiers
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPad is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCC27200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27200 TI-UCC27200 Datasheet
922Kb / 28P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI1-UCC27200 Datasheet
1Mb / 37P
[Old version datasheet]   120V Boot, 3A Peak, High Frequency, High-Side and Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1 Datasheet
701Kb / 29P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200-Q1 TI1-UCC27200-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200-Q1 TI1-UCC27200-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   High-Frequency High-Side and Low-Side Driver
More results

Similar Description - UCC27200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27201DG4 TI1-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200A TI1-UCC27200A_12 Datasheet
1Mb / 39P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200A TI1-UCC27200A Datasheet
1Mb / 36P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
DECEMBER2011
UCC27201DG4 TI-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200 Datasheet
922Kb / 28P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI1-UCC27200_15 Datasheet
1Mb / 37P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1 Datasheet
701Kb / 29P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200 TI1-UCC27200_12 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200A TI1-UCC27200A_16 Datasheet
1Mb / 42P
[Old version datasheet]   120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com