Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65810RTQTG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS65810RTQTG4
Description  SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65810RTQTG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS65810RTQTG4 Datasheet HTML 1Page - Texas Instruments TPS65810RTQTG4 Datasheet HTML 2Page - Texas Instruments TPS65810RTQTG4 Datasheet HTML 3Page - Texas Instruments TPS65810RTQTG4 Datasheet HTML 4Page - Texas Instruments TPS65810RTQTG4 Datasheet HTML 5Page - Texas Instruments TPS65810RTQTG4 Datasheet HTML 6Page - Texas Instruments TPS65810RTQTG4 Datasheet HTML 7Page - Texas Instruments TPS65810RTQTG4 Datasheet HTML 8Page - Texas Instruments TPS65810RTQTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 99 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
RTC_OUT
AC
BAT
OUT
USB
TMR
ISET1
TS
I2CINTERFACE
ANDINTERRUPT
CONTROLLER
INT
SDAT
SCLK
RESET
CONTROLLER
HOT_RST
RESPWRON
TRSTPWON
L1
PGND1
SM2
L2
L3
SM3
SIM
RED
BLUE
GREEN
SYS_IN
1.25V-3.3V
150 mA
LDO1
1.25V-3.3V
150 mA
LDO2
LDO3
1.224V-4.4V
100 mA
VIN_LDO35
1.224V-4.4V
100 mA
LDO4
LDO35_REF
ANLG1
ANLG2
GPIO1
GPIO2
3.3V
10 mA
LDO_PM
FB3
BAT
OUT
ADC_REF
GPIO3
AGND2
PGND3
VIN_SM1
VIN_SM2
PGND2
VIN_LDO2
DPPM
PWM
1.224V-4.4V
100 mA
LDO5
AGND1
LED_PWM
3.3V
150 mA
LDO0
AGND0
LDO3,4,5
LDO0,1,2
CONTROL
LOGIC
PWM
DRIVER
RGB
DRIVER
WHITELED
DRIVER
DISPLAY ANDI /O
GPIO’S
OUT
SM1
8 CHANNEL
MUX
A/D
CONVERTER
6 INTERNAL
CHANNELS
SM3_SW
1.5V
8 mA
1.8V/2.5V
8 mA
POWERPATH
CONTROL
LINEAR
CHARGER
0.6-1.8V
600 mA
1.0V-3.4V
600 mA
LDO_PM
CHARGE
MANAGEMENT
DC/DC
HOSTINTERFACE AND
SEQUENCING
ADC
AGND2
REFERENCE
SYSTEM
INTERNAL BIAS
OUT
OUT
OUT
TPS65810
SIM ,RTCLDOS
SYSTEM
POWER
ON/OFF
OUT
AGND1
AGND1
AGND1
OUT
AGND1
AGND 1
AGND1
OUT
AGND1
BAT
AGND1
AGND 0, AGND 1 AND AGND 2PINSSHORTEDTOEACHOTHERINSIDETPS 65800
. ALL AGNDPINS AREINTERNALLY CONNECTEDTO
THETPS 65800 THERMAL PAD ANDSUBSTRATE
.
PGND 1, PGND 3 ANDPGND 3PINS ARENOTCONNECTEDTOEACHOTHERORTOTHETPS 65800 SUBSTRATE / POWERPAD
DISPLAY ANDI /O
OUT
TPS65810
TPS65811
SLVS658B – MARCH 2006 – REVISED FEBRUARY 2007
Figure 1. TPS65810 Simplified Block Diagram
3
Submit Documentation Feedback


Similar Part No. - TPS65810RTQTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65810RTQ TI-TPS65810RTQ Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
More results

Similar Description - TPS65810RTQTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65810 TI-TPS65810 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65820 TI-TPS65820 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI1-TPS65810_14 Datasheet
2Mb / 100P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65800 TI-TPS65800_07 Datasheet
2Mb / 98P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
logo
Shenzhen X-Powers Techn...
AXP192 XPOWER-AXP192 Datasheet
453Kb / 4P
   Single Cell Li-Battery and Power System Management IC
logo
AiT Semiconductor Inc.
A4006 AITSEMI-A4006 Datasheet
426Kb / 6P
   BATTERY MANAGEMENT SINGLE CELL LI-ION BATTERY INDICATOR CHIP
REV1.1
logo
List of Unclassifed Man...
AXP192 ETC2-AXP192 Datasheet
1Mb / 53P
   Enhanced single Cell Li-Battery and Power System Management IC
AXP173 ETC2-AXP173 Datasheet
1Mb / 45P
   Enhanced Single Cell Li-Battery and Power System Management IC
AXP199 ETC2-AXP199 Datasheet
1Mb / 50P
   Enhanced single Cell Li-Battery and Power System Management IC
AXP209 ETC2-AXP209 Datasheet
2Mb / 45P
   Enhanced single Cell Li-Battery and Power System Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com