Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65561RGTT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65561RGTT
Description  INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65561RGTT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65561RGTT Datasheet HTML 3Page - Texas Instruments TPS65561RGTT Datasheet HTML 4Page - Texas Instruments TPS65561RGTT Datasheet HTML 5Page - Texas Instruments TPS65561RGTT Datasheet HTML 6Page - Texas Instruments TPS65561RGTT Datasheet HTML 7Page - Texas Instruments TPS65561RGTT Datasheet HTML 8Page - Texas Instruments TPS65561RGTT Datasheet HTML 9Page - Texas Instruments TPS65561RGTT Datasheet HTML 10Page - Texas Instruments TPS65561RGTT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.ti.com
OFF
ON
OFF
SW
T
LOGIC
V
V
I
I
V
(ZERO)
V
(SW)
V
(BAT)
V
A
V
OUT
0V
0V
I
(SW)
I
(PEAK)
0 A
I
OUT
I
(PEAK)
(TURN)
/N
0 A
Time1
Time2
Time3
Time4
Time5
SW
T
V(FULL)
CHG
XFULL
OFF
ON
OFF
OFF ON
OFF
VBAT
V(SW)
V(SW)
0V
VBAT
VOUT
VOUT
VA
VA
0V
I
(PEAK)
I(PEAK)/N(TURN)
I(SW)
I(SW)
IOUT
IOUT
0 A
0 A
V
V
I
I
Control Charging
t
ON
=L
I
PEAK
V
BAT
(1)
TPS65561
SLVS691 – FEBRUARY 2007
Figure 5. Timing Diagram at One Switching Cycle
Figure 6. Timing Diagram at Beginning/Ending
The TPS65561 provides three comparators to control charging. Figure 2 shows the block diagram of TPS65561
and Figure 5 shows a timing diagram of one switch cycle. Note that emphasis is placed on Time1 and Time3 of
the waveform in Figure 5.
While SW is ON (Time1 to Time2 in Figure 5), U3 monitors current flow through the integrated power switch
from SW pin to GND. When I(SW) exceeds I(PEAK), SW turns OFF (Time2 in Figure 5).
When SW turns OFF (Time2 in Figure 5), the magnetic energy in the transformer starts discharging. Meanwhile,
U2 monitors the kickback voltage at the SW terminal. As the energy is discharging, the kickback voltage is
increasing according to the increase of VO (Time2 to Time3 in Figure 5). When almost all energy is discharged,
the system cannot continue rectification via the diode, and the charging current of IO goes to zero (Times3 in
Figure 5). After rectification stops, the small amount of energy left in the transformer is released via parasitic
paths, and the kickback voltage reaches zero (Time3 to Time4 in Figure 5). During this period, U2 makes SW
turn ON when (V(SW) - VBAT) dips from V(ZERO) (Time5 in Figure 5). In the actual circuit, the period between
Time4 and Time5 in Figure 5 is small or does not appear dependent on the delay time of the U2 detection to SW
ON.
U1 also monitors the kickback voltage. When (V(SW) - VBAT) exceeds V(FULL), the TPS65561 stops charging (see
Figure 6).
In Figure 5 and Figure 6, ON time is always the same period in every switch cycle. The ON time is calculated by
Equation 1. L and I(PEAK) are selected to ensure that tON does not exceed the MAX ON time (tMAX).
7
Submit Documentation Feedback


Similar Part No. - TPS65561RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65560 TI-TPS65560 Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
logo
Sumida Corporation
TPS65560 SUMIDA-TPS65560 Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
logo
Texas Instruments
TPS65560RGT TI-TPS65560RGT Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65560RGTR TI-TPS65560RGTR Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65560RGTRG4 TI-TPS65560RGTRG4 Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
More results

Similar Description - TPS65561RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65552ADGQG4 TI1-TPS65552ADGQG4 Datasheet
731Kb / 20P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552A TI1-TPS65552A_16 Datasheet
531Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563 TI-TPS65563 Datasheet
596Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65560 TI-TPS65560 Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552A TI-TPS65552A Datasheet
404Kb / 14P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563A TI-TPS65563A Datasheet
807Kb / 18P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65573 TI-TPS65573 Datasheet
425Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65562 TI1-TPS65562 Datasheet
668Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
logo
Monolithic Power System...
MP3360 MPS-MP3360 Datasheet
324Kb / 8P
   Highly Integrated Photo Flash Charger and IGBT Driver
EV3356DG-00A MPS-EV3356DG-00A Datasheet
279Kb / 6P
   Integrated Photo Flash Charger IGBT Driver EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com