Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65561RGT Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS65561RGT
Description  INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65561RGT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65561RGT Datasheet HTML 5Page - Texas Instruments TPS65561RGT Datasheet HTML 6Page - Texas Instruments TPS65561RGT Datasheet HTML 7Page - Texas Instruments TPS65561RGT Datasheet HTML 8Page - Texas Instruments TPS65561RGT Datasheet HTML 9Page - Texas Instruments TPS65561RGT Datasheet HTML 10Page - Texas Instruments TPS65561RGT Datasheet HTML 11Page - Texas Instruments TPS65561RGT Datasheet HTML 12Page - Texas Instruments TPS65561RGT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.ti.com
IGBT Driver Control
F_ON
G_IGBT
CHG
XFULL
STANDBY
STANDBY
PREACTIVE
SWOn
SWOff
etc
FULL CHARGE
Protections
MAX On Time
MAX Off Time
Thermal Disable
Overcurrent Shutdown to Monitor VDS at the SW Pin (OVDS)
TPS65561
SLVS691 – FEBRUARY 2007
The IGBT driver is provided by the TPS65561. The driver voltage depends on VCC. TPS65561 has a mask filter
as shown in Figure 8. The mask does not have hysteresis; therefore, there is no wait time from CHG forcing Low
after FULL CHARGE to F_ON turning High.
Figure 8. IGBT Timing Diagram
TPS65561 provides four protection mechanisms: max on time, max off time, thermal disable, and overcurrent
shutdown.
To prevent a condition such as pulling current from a poor power source (i.e., an almost empty battery), and
never reaching peak current, the TPS65561 provides a maximum ON time function. If the ON time exceeds tMAX,
the TPS65561 is forced OFF regardless of I(PEAK) detection.
To prevent a condition such as never increasing the voltage at the SW pin when the internal FET is OFF, the
TPS65561 provides a maximum OFF time function. If the OFF time exceeds tMIN, the TPS65561 is forced ON
regardless of V(ZERO) detection.
Once the TPS65561 die temperature reaches 160
°C, all functions stop. Once the die cools below 160°C, the
TPS65561 restarts charging if CHG remains high during the entire overtemperature condition.
The TPS65561 provides an overvoltage monitor function of the SW pin. The TPS65561 is latched off if the
voltage on the SW pin is above OVDS during the switch ON time (see Figure 4 and its descriptions).
This function protects against a shorted primary winding of the flyback transformer. A short-circuit on the primary
winding shorts the battery voltage to GND through the SW pin which could damage the device.
9
Submit Documentation Feedback


Similar Part No. - TPS65561RGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65560 TI-TPS65560 Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
logo
Sumida Corporation
TPS65560 SUMIDA-TPS65560 Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
logo
Texas Instruments
TPS65560RGT TI-TPS65560RGT Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65560RGTR TI-TPS65560RGTR Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65560RGTRG4 TI-TPS65560RGTRG4 Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
More results

Similar Description - TPS65561RGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65552ADGQG4 TI1-TPS65552ADGQG4 Datasheet
731Kb / 20P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552A TI1-TPS65552A_16 Datasheet
531Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563 TI-TPS65563 Datasheet
596Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65560 TI-TPS65560 Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552A TI-TPS65552A Datasheet
404Kb / 14P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563A TI-TPS65563A Datasheet
807Kb / 18P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65573 TI-TPS65573 Datasheet
425Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65562 TI1-TPS65562 Datasheet
668Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
logo
Monolithic Power System...
MP3360 MPS-MP3360 Datasheet
324Kb / 8P
   Highly Integrated Photo Flash Charger and IGBT Driver
EV3356DG-00A MPS-EV3356DG-00A Datasheet
279Kb / 6P
   Integrated Photo Flash Charger IGBT Driver EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com