Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62350YZG Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS62350YZG
Description  800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62350YZG Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62350YZG Datasheet HTML 3Page - Texas Instruments TPS62350YZG Datasheet HTML 4Page - Texas Instruments TPS62350YZG Datasheet HTML 5Page - Texas Instruments TPS62350YZG Datasheet HTML 6Page - Texas Instruments TPS62350YZG Datasheet HTML 7Page - Texas Instruments TPS62350YZG Datasheet HTML 8Page - Texas Instruments TPS62350YZG Datasheet HTML 9Page - Texas Instruments TPS62350YZG Datasheet HTML 10Page - Texas Instruments TPS62350YZG Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
www.ti.com
I2C TIMING DIAGRAMS
tf
tLOW
tr
thd;STA
thd;DAT
tsu;DAT
tf
HIGH
tsu;STA
S
Sr
P
S
thd;STA
tr
tBUF
tsu;STO
SDA
SCL
Sr P
Sr
tfDA
trDA
thd;DAT
tsu;STA
thd;STA
tsu;DAT
tsu;STO
trCL1
tfCL
tHIGH
tLOW
tLOW
tHIGH
trCL
trCL1
= MCS Current Source Pull-Up
= R(P) Resistor Pull-Up
SDAH
SCLH
Note A: First rising edge of the SCLH signal after Sr and after each acknowledge bit.
See Note A
See Note A
TPS62350, TPS62351
TPS62352, TPS62353, TPS62354
SLVS540B – MAY 2006 – REVISED DECEMBER 2006
I2C INTERFACE TIMING CHARACTERISTICS (continued)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Standard mode
20 + 0.1 CB
300
ns
Fast mode
20 + 0.1 CB
300
ns
tFDA
Fall Time of SDA Signal
High-speed mode, CB– 100 pF max
10
80
ns
High-speed mode, CB– 400 pF max
20
160
ns
Standard mode
4
µs
tSU, tSTO Setup Time for STOP Condition
Fast mode
600
ns
High-speed mode
160
ns
CB
Capacitive Load for SDA and SCL
400
pF
Figure 1. Serial Interface Timing Diagram for F/S-Mode
Figure 2. Serial Interface Timing Diagram for HS-Mode
7
Submit Documentation Feedback


Similar Part No. - TPS62350YZG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62350YZG TI-TPS62350YZG Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350YZGR TI1-TPS62350YZGR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62350YZGT TI1-TPS62350YZGT Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
More results

Similar Description - TPS62350YZG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62350_071 TI-TPS62350_071 Datasheet
1Mb / 45P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350 TI-TPS62350_08 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650-Q1 TI1-TPS62650-Q1 Datasheet
1,006Kb / 40P
[Old version datasheet]   800-mA, 6-MHz High-Efficiency Step-Down Converter With I2C??Compatible Interface in Chip-Scale Packaging
TPS62350 TI-TPS62350 Datasheet
113Kb / 1P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I-2 C-TM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650 TI-TPS62650_15 Datasheet
1Mb / 39P
[Old version datasheet]   800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62300 TI-TPS62300 Datasheet
1,004Kb / 31P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62300 TI-TPS62300_07 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62650 TI-TPS62650 Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com