Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61202DRCT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61202DRCT
Description  LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61202DRCT Datasheet(HTML) 3 Page - Texas Instruments

  TPS61202DRCT Datasheet HTML 1Page - Texas Instruments TPS61202DRCT Datasheet HTML 2Page - Texas Instruments TPS61202DRCT Datasheet HTML 3Page - Texas Instruments TPS61202DRCT Datasheet HTML 4Page - Texas Instruments TPS61202DRCT Datasheet HTML 5Page - Texas Instruments TPS61202DRCT Datasheet HTML 6Page - Texas Instruments TPS61202DRCT Datasheet HTML 7Page - Texas Instruments TPS61202DRCT Datasheet HTML 8Page - Texas Instruments TPS61202DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS61200
TPS61201
TPS61202
SLVS577 – MARCH 2007
over recommended free-air temperature range and over recommended input voltage range (typical at an ambient
temperature range of 25
°C) (unless otherwise noted)
DC/DC STAGE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
Input voltage range
0.3
5.5
V
VI
Minimum input voltage at startup
0.5
V
VO
TPS61200 output voltage range
1.8
5.5
V
VFB
TPS61200 feedback voltage
495
500
505
mV
VOUT
TPS61201 output voltage
VIN < VOUT, PS = 1
3.27
3.3
3.33
V
VOUT
TPS61202 output voltage
VIN < VOUT, PS = 1
4.95
5.0
5.05
V
f
Oscillator frequency
1250
1650
kHz
ISW
average switch current limit
VOUT = 3.3 V
1200
1350
1500
mA
Rectifying switch on resistance
VOUT = 3.3 V
180
m
Main switch on resistance
VOUT = 3.3 V
150
m
Line regulation
VIN < VOUT, PS = 1
0.1%
0.5%
Load regulation
VIN < VOUT, PS = 1
0.1%
0.5%
VIN
1
2
µA
IO = 0 mA, VEN = VIN = 1.2 V,
Quiescent current
VOUT
VOUT = 3.3 V, VAUX = 3.3 V
50
70
µA
PS = 0
VAUX
4
6
µA
VIN
0.5
1.5
µA
Shutdown current
VEN = 0 V, VIN = 1.2 V
VAUX
1
2
µA
Leakage current into L
VEN = 0 V, VIN = 1.2 V, VL = 1.2 V
0.01
1
µA
CONTROL STAGE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VAUX
Auxiliary Output Voltage
2.4
5.5
V
VIL
EN input low voltage
VIN < 0.8 V
0.1
× V
IN
V
VIH
EN input high voltage
VIN < 0.8 V
0.9
× V
IN
V
VIL
EN input low voltage
0.8 V
≤ V
IN≤ 1.5 V
0.2
× V
IN
V
VIH
EN input high voltage
0.8 V
≤ V
IN≤ 1.5 V
0.8
× V
IN
V
VIL
EN input low voltage
VIN > 1.5 V
0.4
V
VIH
EN input high voltage
VIN > 1.5 V
1.2
V
VIL
PS input low voltage
0.4
V
VIH
PS input high voltage
1.2
V
EN, PS input current
Clamped on GND or VIN (VIN < 1.5 V)
0.01
0.1
µA
VUVLO
Undervoltage lockout threshold for
VUVLO decreasing
235
250
265
mV
turn off
VUVLO
Undervoltage lockout threshold for
VUVLO increasing
330
350
370
mV
turn on
UVLO input current
VUVLO = 0.5 V
0.3
µA
Overvoltage protection threshold
5.5
7
V
Overtemperature protection
140
°C
Overtemperature hysteresis
20
°C
3
Submit Documentation Feedback


Similar Part No. - TPS61202DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61202DRCT TI-TPS61202DRCT Datasheet
995Kb / 26P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61202DRCT TI-TPS61202DRCT Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61202DRCT TI-TPS61202DRCT Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61202DRCTG4 TI-TPS61202DRCTG4 Datasheet
995Kb / 26P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61202DRCTG4 TI-TPS61202DRCTG4 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
More results

Similar Description - TPS61202DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61200 TI-TPS61200_08 Datasheet
995Kb / 26P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_081 TI-TPS61200_081 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_082 TI-TPS61200_082 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200 TI-TPS61200_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS6120x Low Input Voltage Synchronous Boost Converter With 1.3-A Switches
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
logo
Diodes Incorporated
AP72250 DIODES-AP72250_V01 Datasheet
2Mb / 26P
   0.6V TO 5.5V INPUT SYNCHRONOUS BOOST CONVERTER WITH 4.7A SWITCHES
Rev. 1 - 2 January 2022
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
454Kb / 21P
   Low Voltage Synchronous Boost Converter
SC122 SEMTECH-SC122 Datasheet
202Kb / 13P
   Low Voltage Synchronous Boost Converter
logo
Texas Instruments
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com