Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTP7N60A4 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # HGTP7N60A4
Description  600V, SMPS Series N-Channel IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGTP7N60A4 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  HGTP7N60A4 Datasheet HTML 1Page - Fairchild Semiconductor HGTP7N60A4 Datasheet HTML 2Page - Fairchild Semiconductor HGTP7N60A4 Datasheet HTML 3Page - Fairchild Semiconductor HGTP7N60A4 Datasheet HTML 4Page - Fairchild Semiconductor HGTP7N60A4 Datasheet HTML 5Page - Fairchild Semiconductor HGTP7N60A4 Datasheet HTML 6Page - Fairchild Semiconductor HGTP7N60A4 Datasheet HTML 7Page - Fairchild Semiconductor HGTP7N60A4 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2004 Fairchild Semiconductor Corporation
HGT1S7N60A4S9A, HGTG7N60A4, HGTP7N60A4 Rev. B2
Current Turn-On Delay Time
td(ON)I
IGBT and Diode at TJ = 125
oC
ICE = 7A
VCE = 390V
VGE = 15V
RG = 25Ω
L = 1mH
Test Circuit (Figure 20)
-10
-
ns
Current Rise Time
trI
-7
-
ns
Current Turn-Off Delay Time
td(OFF)I
-
130
150
ns
Current Fall Time
tfI
-75
85
ns
Turn-On Energy (Note 2)
EON1
-50
-
µJ
Turn-On Energy (Note 2)
EON2
-
200
215
µJ
Turn-Off Energy (Note 3)
EOFF
-
125
170
µJ
Thermal Resistance Junction To Case
RθJC
--
1.0
oC/W
NOTES:
2. Values for two Turn-On loss conditions are shown for the convenience of the circuit designer. EON1 is the turn-on loss of the IGBT only. EON2
is the turn-on loss when a typical diode is used in the test circuit and the diode is at the same TJ as the IGBT. The diode type is specified in
Figure 20.
3. Turn-Off Energy Loss (EOFF) is defined as the integral of the instantaneous power loss starting at the trailing edge of the input pulse and ending
at the point where the collector current equals zero (ICE = 0A). All devices were tested per JEDEC Standard No. 24-1 Method for Measurement
of Power Device Turn-Off Switching Loss. This test method produces the true total Turn-Off Energy Loss.
Electrical Specifications
TJ = 25
oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. DC COLLECTOR CURRENT vs CASE
TEMPERATURE
FIGURE 2. MINIMUM SWITCHING SAFE OPERATING AREA
FIGURE 3. OPERATING FREQUENCY vs COLLECTOR TO
EMITTER CURRENT
FIGURE 4. SHORT CIRCUIT WITHSTAND TIME
TC, CASE TEMPERATURE (
oC)
50
10
0
30
20
25
25
75
100
125
150
35
VGE = 15V
15
5
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
700
20
0
300
400
200
100
500
600
0
30
10
40
TJ = 150
oC, R
G = 25Ω, VGE = 15V, L = 100µH
1
ICE, COLLECTOR TO EMITTER CURRENT (A)
30
200
20
510
500
TJ = 125
oC, R
G = 25Ω, L = 2mH, V CE = 390V
100 fMAX1 = 0.05 / (td(OFF)I + td(ON)I)
RØJC = 1.0
oC/W, SEE NOTES
PC = CONDUCTION DISSIPATION
(DUTY FACTOR = 50%)
fMAX2 = (PD - PC) / (EON2 + EOFF)
TC
VGE
15V
75oC
VGE, GATE TO EMITTER VOLTAGE (V)
10
11
12
15
4
6
14
20
80
100
140
16
13
14
8
10
12
40
60
120
VCE = 390V, RG = 25Ω, TJ = 125
oC
tSC
ISC
HGT1S7N60A4S9A, HGTG7N60A4, HGTP7N60A4


Similar Part No. - HGTP7N60A4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTP7N60A4 FAIRCHILD-HGTP7N60A4 Datasheet
204Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTP7N60A4 INTERSIL-HGTP7N60A4 Datasheet
168Kb / 11P
   600V, SMPS Series N-Channel IGBT
June 2000
logo
Fairchild Semiconductor
HGTP7N60A4D FAIRCHILD-HGTP7N60A4D Datasheet
143Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTP7N60A4D INTERSIL-HGTP7N60A4D Datasheet
134Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
March 2000
logo
Fairchild Semiconductor
HGTP7N60A4D FAIRCHILD-HGTP7N60A4D Datasheet
189Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results

Similar Description - HGTP7N60A4

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTD7N60A4S INTERSIL-HGTD7N60A4S Datasheet
168Kb / 11P
   600V, SMPS Series N-Channel IGBT
June 2000
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A Datasheet
204Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTD3N60A4S FAIRCHILD-HGTD3N60A4S Datasheet
189Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTG40N60A4 FAIRCHILD-HGTG40N60A4 Datasheet
181Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTG30N60A4 INTERSIL-HGTG30N60A4 Datasheet
92Kb / 8P
   600V, SMPS Series N-Channel IGBT
January 2000
HGTD3N60A4S INTERSIL-HGTD3N60A4S Datasheet
156Kb / 10P
   600V, SMPS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTG30N60A4 FAIRCHILD-HGTG30N60A4 Datasheet
178Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTG40N60A4 INTERSIL-HGTG40N60A4 Datasheet
93Kb / 8P
   600V, SMPS Series N-Channel IGBT
April 2000
HGTP12N60A4 INTERSIL-HGTP12N60A4 Datasheet
115Kb / 10P
   600V, SMPS Series N-Channel IGBT
May 1999
logo
Unisonic Technologies
UGP7N60 UTC-UGP7N60 Datasheet
170Kb / 3P
   600V, SMPS N-CHANNEL IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com