Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40131RHBRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40131RHBRG4
Description  TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40131RHBRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS40131RHBRG4 Datasheet HTML 1Page - Texas Instruments TPS40131RHBRG4 Datasheet HTML 2Page - Texas Instruments TPS40131RHBRG4 Datasheet HTML 3Page - Texas Instruments TPS40131RHBRG4 Datasheet HTML 4Page - Texas Instruments TPS40131RHBRG4 Datasheet HTML 5Page - Texas Instruments TPS40131RHBRG4 Datasheet HTML 6Page - Texas Instruments TPS40131RHBRG4 Datasheet HTML 7Page - Texas Instruments TPS40131RHBRG4 Datasheet HTML 8Page - Texas Instruments TPS40131RHBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATING
RECOMMENDED OPERATING CONDITIONS
TPS40131
SLVS635 – FEBRUARY 2007
ORDERING INFORMATION
TAPE AND REEL
TA
PACKAGE
PART NUMBER
QUANTITY
TPS40131RHBT
250
-40
°C to 85°C
Plastic QFN(RHB)
TPS40131RHBR
3000
over operating free-air temperature range unless otherwise noted
TPS40131
UNITS
VDD
-1 to 30
DIFFO, VOUT
VBP8
SW1, SW2
-1 to 44
Input voltage range
V
BP8
-1 to 10
BOOT1, BOOT2, HDRV1, HDRV2
-0.3 to VSW + 6.0
All other pins
-0.3 to 6.0
Sourcing current
RT
200
µA
TJ
Operating junction temperature range
-40 to 125
Tstg
Storage temperature
-55 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
over operating free-air temperature range unless otherwise noted(1)
TPS40131
UNITS
VDD
4.5 to 28
DIFFO, VOUT
(VBP8-1)
SW1, SW2
-1 to 44
Input voltage range
V
BP8
-1 to 8
BOOT1, BOOT2, HDRV1, HDRV2
-0.3 to VSW + 5.5
All other pins
-0.3 to 5.5
Sourcing current
RT
200
µA
TJ
Operating junction temperature range
-40 to 85
Tstg
Storage temperature
-55 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
3
Submit Documentation Feedback


Similar Part No. - TPS40131RHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40131 TI-TPS40131_15 Datasheet
1Mb / 41P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
More results

Similar Description - TPS40131RHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40132 TI-TPS40132 Datasheet
1Mb / 40P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40131 TI-TPS40131_15 Datasheet
1Mb / 41P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40130DBTR TI1-TPS40130DBTR Datasheet
1Mb / 39P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40132 TI-TPS40132_15 Datasheet
1Mb / 42P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40130 TI-TPS40130 Datasheet
748Kb / 10P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
logo
Anpec Electronics Corop...
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6315 INTERSIL-ISL6315 Datasheet
519Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com