Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40195PW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40195PW
Description  4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40195PW Datasheet(HTML) 3 Page - Texas Instruments

  TPS40195PW Datasheet HTML 1Page - Texas Instruments TPS40195PW Datasheet HTML 2Page - Texas Instruments TPS40195PW Datasheet HTML 3Page - Texas Instruments TPS40195PW Datasheet HTML 4Page - Texas Instruments TPS40195PW Datasheet HTML 5Page - Texas Instruments TPS40195PW Datasheet HTML 6Page - Texas Instruments TPS40195PW Datasheet HTML 7Page - Texas Instruments TPS40195PW Datasheet HTML 8Page - Texas Instruments TPS40195PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
www.ti.com
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
ELECTRICAL CHARACTERISTICS
TPS40195
SLUS720 – FEBRUARY 2007
MIN
TYP
MAX
UNIT
Human Body Model (HBM)
2500
V
Charged Device Model (CDM)
1500
T
J = –40°C to 85°C, VVDD= 12 Vdc, all parameters at zero power dissipation (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE
0
°C ≤ T
J≤ 85°C
588
591
594
VFB
Feedback voltage range
mV
-40
°C ≤ T
J≤ 85°C
585
591
594
INPUT SUPPLY
VVDD
Input voltage range
4.5
20.0
V
VEN = 3 V
4
mA
IVDD
Operating current
VEN < 0.6 V, VVDD = 12 V
165
250
µA
VEN < 0.6 V, VVDD = 20 V
230
330
ON BOARD REGULATOR
VBP
Output voltage
VVDD > 6 V, IBP≤ 10 mA
5.1
5.3
5.5
V
VDO
Regulator dropout voltage, VVDD - VBP
VVDD = 5 V, IBP≤ 25 mA
350
550
mV
ISC
Regulator current limit threshold
75
mA
IBP
Average current
75
OSCILLATOR
VRT = VBP
400
500
580
fSW
Switching frequency
VRT = 0 V
200
250
290
kHz
RRT = 100 kΩ
250
VRMP
Ramp amplitude(1)
1
V
SYNCHRONIZATION
VINH
High-level input voltage
2.5
V
VINL
Low-level input voltage
0.5
TF(max)
Maximum input fall time(1)
100
ns
VOH
High-level output voltage
ISYNC = 100 µA, sourcing
3.5
V
VOL
Low-level output voltage
ISYNC = 100 µA, sinking
0.3
TF
Output rise time(1)
10
25
CSYNC =25 pF
ns
TR
Output fall time(1)
100
300
PWM
DMAX
Maximum duty cycle(1)
85%
tON(min)
Minimum controlled pulse(1)
130
HDRV off to LDRV on
50
ns
tDEAD
Output driver dead time
LDRV off to HDRV on
25
SOFT-START
VSS_SEL = 0 V, fSW = 250 kHz
4.8
VSS_SEL = 0 V, fSW = 500 kHz
2.4
VSS_SEL = Floating, fSW = 250 kHz
2.4
tSS
Soft-start time
ms
VSS_SEL = Floating, fSW = 500 kHz
1.2
VSS_SEL = VBP, fSW = 250 kHz
1.2
VSS_SEL = VBP, fSW = 500 kHz
0.6
(1)
Specified by design. Not production tested.
3
Submit Documentation Feedback


Similar Part No. - TPS40195PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40195PW TI-TPS40195PW Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40195PWG4 TI-TPS40195PWG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40195PWR TI-TPS40195PWR Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40195PWRG4 TI-TPS40195PWRG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
More results

Similar Description - TPS40195PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40192 TI1-TPS40192_17 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
TPS40192 TI-TPS40192_1 Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS544C25 TI1-TPS544C25 Datasheet
2Mb / 100P
[Old version datasheet]   4.5-V to 18-V, 20-A and 30-A SWIFT Synchronous Buck Converters with PMBus and Frequency Synchronization
TPS40170QRGYRQ1 TI-TPS40170QRGYRQ1 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170 TI1-TPS40170_11 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
MARCH2011
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40400 TI1-TPS40400 Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com