Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320DM647ZUT720 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS320DM647ZUT720
Description  Digital Media Processor
Download  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647ZUT720 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320DM647ZUT720 Datasheet HTML 2Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 3Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 4Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 5Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 6Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 7Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 8Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 9Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 166 page
background image
www.ti.com
2
Device Overview
2.1 Device Characteristics
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372 – MAY 2007
Table 2-1, provides an overview of the TMS320DM647/TMS320DM648 DSPs. The tables show significant
features of the DM647/DM648 devices, including the capacity of on-chip RAM, the peripherals, the CPU
frequency, and the package type with pin count.
Table 2-1. Characteristics of the DM647/DM648 Processor
HARDWARE FEATURES
DM647
DM648
DDR2 memory controller (32-bit bus
1
1
width) [1.8 V I/O]
16-bit bus width
synchronous/asynchronous EMIF
1
1
[EMIFA]
EDMA3 (64 independent channels, 8
1
1
QDMA channels)
4 64-bit General Purpose
4 64-bit General Purpose
Timers
(each configurable as 1 64-bit or 2
(each configurable as 1 64-bit or 2
32-bit)
32-bit)
UART
(with RTS and CTS flow control)
(with RTS and CTS flow control)
Peripherals
I2C
1 (Master/Slave)
1 (Master/Slave)
Not all peripheral
pins are available SPI
1 (4-wire, 2 chip select)
1 (4-wire, 2 chip select)
at the same time
McASP
1 (10 serailizers)
1 (10 serailizers)
(For more detail,
see Section 3.)
3-port Ethernet Switch Subsystem
supporting 10/100/1000 Base-T
1 SGMII port available
2 SGMII ports available
Management data input/output (MDIO)
VLYNQ
1
1
General-purpose input/output port
Up to 32 pins
Up to 32 pins
(GPIO)
HPI (16/32-bit)
1
1
PCI (32 bit) (33 MHz or 66 MHz)
1 (PCI33 or PCI66)
1 (PCI33 or PCI66)
VIC
1
1
Configurable video ports
5
5
Size (bytes)
320KB RAM, 64KB ROM
576KB RAM, 64KB ROM
32KB L1 program (L1P)/cache (Cache
32KB L1 program (L1P)/cache (up to
up to 32KB)
32KB)
32KB L1 data (L1D)/cache (Cache up
32KB L1 data (L1D)/cache (up to
On-Chip Memory
Organization
to 32KB)
32KB)
256KB unified mapped RAM/Cache
512 KB unified mapped RAM/Cache
(L2)
(L2)
64KB Boot ROM
64KB Boot ROM
Revision ID Register
MegaModule Rev
(MM_REVID[15:0])
0x0003
0x0003
ID
(address location 0x0181 2000)
CPU ID + CPU
Control Status Register (CSR.[31:16])
0x1000
0x1000
Rev ID
JTAGID register
JTAG BSDL_ID
0x0B77 A02F
0x0B77 A02F
(address location: 0x0204 9018)
CPU Frequency
MHz
720, 900
720, 900
Cycle Time
ns
1.39 ns (-720), 1.11 ns (-900)
1.39 ns (-720), 1.11 ns (-900)
Core (V)
1.2 V (-720, 900)
1.2 V (-720, 900)
Voltage
I/O (V)
1.8 V, 3.3 V
1.8 V, 3.3 V
PLL Options
CLKIN1 frequency multiplier
x1 (Bypass), x15, x20, x25, x30, x32
x1 (Bypass), x15, x20, x25, x30, x32
BGA Package
529-Pin Flip Chip Plastic BGA (ZUT)
529-Pin Flip Chip Plastic BGA (ZUT)
Device Overview
6
Submit Documentation Feedback


Similar Part No. - TMS320DM647ZUT720

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM647ZUT7 TI-TMS320DM647ZUT7 Datasheet
1Mb / 181P
[Old version datasheet]   Digital Media Processor
TMS320DM647ZUT7 TI-TMS320DM647ZUT7 Datasheet
1Mb / 181P
[Old version datasheet]   Digital Media Processor
TMS320DM647ZUT7 TI1-TMS320DM647ZUT7 Datasheet
1Mb / 190P
[Old version datasheet]   Digital Media Processor
TMS320DM647ZUT7 TI1-TMS320DM647ZUT7 Datasheet
1Mb / 191P
[Old version datasheet]   Digital Media Processor
More results

Similar Description - TMS320DM647ZUT720

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
[Old version datasheet]   Digital Media Processor
TMS320DM6437 TI-TMS320DM6437_08 Datasheet
2Mb / 305P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI1-TMS320DM647_16 Datasheet
1Mb / 190P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_15 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_16 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_17 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_17 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433_17 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_08 Datasheet
1Mb / 167P
[Old version datasheet]   Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com