Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H21LTB Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # H21LTB
Description  OPTOLOGIC OPTICAL INTERRUPTER SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H21LTB Datasheet(HTML) 4 Page - Fairchild Semiconductor

  H21LTB Datasheet HTML 1Page - Fairchild Semiconductor H21LTB Datasheet HTML 2Page - Fairchild Semiconductor H21LTB Datasheet HTML 3Page - Fairchild Semiconductor H21LTB Datasheet HTML 4Page - Fairchild Semiconductor H21LTB Datasheet HTML 5Page - Fairchild Semiconductor H21LTB Datasheet HTML 6Page - Fairchild Semiconductor H21LTB Datasheet HTML 7Page - Fairchild Semiconductor H21LTB Datasheet HTML 8Page - Fairchild Semiconductor H21LTB Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
OPTOLOGIC® OPTICAL
INTERRUPTER SWITCH
H21LTB
H21LTI
H21LOB
H21LOI
11/2/04
Page 4 of 9
© 2004 Fairchild Semiconductor Corporation
Absolute Maximum Ratings (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Units
Operating Temperature
TOPR
-40 to +85
°C
Storage Temperature
TSTG
-40 to +85
°C
Soldering Temperature (Iron)(3,4,5,6)
TSOL-I
240 for 5 sec
°C
Soldering Temperature (Flow)(3,4,6)
TSOL-F
260 for 10 sec
°C
Input (Emitter)
Continuous Forward Current
IF
50
mA
Reverse Voltage
VR
6V
Power Dissipation(1)
PD
100
mW
Output (Sensor)
Output Current
IO
50
mA
Supply Voltage
VCC
4.0 to 16
V
Output Voltage
VO
30
V
Power Dissipation(2)
PD
150
mW


Similar Part No. - H21LTB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H21LTB FAIRCHILD-H21LTB Datasheet
200Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21LTB FAIRCHILD-H21LTB Datasheet
303Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
More results

Similar Description - H21LTB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H22L FAIRCHILD-H22L_04 Datasheet
200Kb / 6P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H22L FAIRCHILD-H22L Datasheet
322Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21LTB FAIRCHILD-H21LTB Datasheet
200Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H22L FAIRCHILD-H22L Datasheet
191Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00112 FAIRCHILD-QVE00112 Datasheet
91Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00120 FAIRCHILD-QVE00120 Datasheet
146Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21L FAIRCHILD-H21L Datasheet
303Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00112 FAIRCHILD-QVE00112_04 Datasheet
451Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21A4 FAIRCHILD-H21A4 Datasheet
101Kb / 4P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
H22B1 FAIRCHILD-H22B1 Datasheet
361Kb / 6P
   PHOTODARLINGTON OPTICAL INTERRUPTER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com