Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11N2-M Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # H11N2-M
Description  6-PIN DIP HIGH SPEED LOGIC OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11N2-M Datasheet(HTML) 6 Page - Fairchild Semiconductor

  H11N2-M Datasheet HTML 1Page - Fairchild Semiconductor H11N2-M Datasheet HTML 2Page - Fairchild Semiconductor H11N2-M Datasheet HTML 3Page - Fairchild Semiconductor H11N2-M Datasheet HTML 4Page - Fairchild Semiconductor H11N2-M Datasheet HTML 5Page - Fairchild Semiconductor H11N2-M Datasheet HTML 6Page - Fairchild Semiconductor H11N2-M Datasheet HTML 7Page - Fairchild Semiconductor H11N2-M Datasheet HTML 8Page - Fairchild Semiconductor H11N2-M Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6/15/05
Page 6 of 9
© 2005 Fairchild Semiconductor Corporation
6-PIN DIP
HIGH SPEED LOGIC OPTOCOUPLERS
H11N1-M
H11N2-M
H11N3-M
Package Dimensions (Through Hole)
Package Dimensions (Surface Mount)
Package Dimensions (0.4” Lead Spacing)
Recommended Pad Layout for
Surface Mount Leadform
0.350 (8.89)
0.320 (8.13)
0.260 (6.60)
0.240 (6.10)
0.320 (8.13)
0.070 (1.77)
0.040 (1.02)
0.014 (0.36)
0.010 (0.25)
0.200 (5.08)
0.115 (2.93)
0.100 (2.54)
0.015 (0.38)
0.020 (0.50)
0.016 (0.41)
0.100 (2.54)
15°
0.012 (0.30)
0.350 (8.89)
0.320 (8.13)
0.260 (6.60)
0.240 (6.10)
0.390 (9.90)
0.332 (8.43)
0.070 (1.77)
0.040 (1.02)
0.014 (0.36)
0.010 (0.25)
0.320 (8.13)
0.035 (0.88)
0.006 (0.16)
0.012 (0.30)
0.008 (0.20)
0.200 (5.08)
0.115 (2.93)
0.025 (0.63)
0.020 (0.51)
0.020 (0.50)
0.016 (0.41)
0.100 [2.54]
0.350 (8.89)
0.320 (8.13)
0.260 (6.60)
0.240 (6.10)
0.070 (1.77)
0.040 (1.02)
0.014 (0.36)
0.010 (0.25)
0.200 (5.08)
0.115 (2.93)
0.020 (0.50)
0.016 (0.41)
0.100 [2.54]
0.100 (2.54)
0.015 (0.38)
0.012 (0.30)
0.008 (0.21)
0.425 (10.80)
0.400 (10.16)
0.070 (1.78)
0.060 (1.52)
0.030 (0.76)
0.100 (2.54)
0.305 (7.75)
0.425 (10.79)


Similar Part No. - H11N2-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11N2-M FAIRCHILD-H11N2-M Datasheet
523Kb / 9P
   6-PIN DIP HIGH SPEED LOGIC OPTOCOUPLERS
More results

Similar Description - H11N2-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11N2M FAIRCHILD-H11N2M Datasheet
248Kb / 10P
   6-Pin DIP High Speed Logic Optocouplers
H11N1 FAIRCHILD-H11N1 Datasheet
523Kb / 9P
   6-PIN DIP HIGH SPEED LOGIC OPTOCOUPLERS
H11N1M FAIRCHILD-H11N1M Datasheet
248Kb / 10P
   6-Pin DIP High Speed Logic Optocouplers
logo
ON Semiconductor
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
   6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
6N137M ONSEMI-6N137M Datasheet
644Kb / 18P
   8-Pin DIP High-Speed 10 MBit/s Logic Gate Optocouplers
June, 2021 ??Rev. 2
6N135M ONSEMI-6N135M Datasheet
522Kb / 16P
   8-Pin DIP High Speed Transistor Optocouplers
September, 2021 - Rev. 2
H11G1M ONSEMI-H11G1M Datasheet
397Kb / 10P
   6-Pin DIP High Voltage Photodarlington Optocouplers
July, 2020 ??Rev. 2
CNY17 ONSEMI-CNY17 Datasheet
372Kb / 12P
   6-Pin DIP High BVCEO Phototransistor Optocouplers
December, 2022 - Rev. 3
4N38M ONSEMI-4N38M Datasheet
339Kb / 10P
   6-Pin DIP High Voltage Phototransistor Optocouplers
February, 2022 - Rev. 0
FOD819 ONSEMI-FOD819 Datasheet
269Kb / 11P
   FOD819 4-Pin DIP High Speed Phototransistor Optocouplers
July, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com