Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11A617B Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # H11A617B
Description  4-Pin Phototransistor Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11A617B Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button H11A617B Datasheet HTML 3Page - Fairchild Semiconductor H11A617B Datasheet HTML 4Page - Fairchild Semiconductor H11A617B Datasheet HTML 5Page - Fairchild Semiconductor H11A617B Datasheet HTML 6Page - Fairchild Semiconductor H11A617B Datasheet HTML 7Page - Fairchild Semiconductor H11A617B Datasheet HTML 8Page - Fairchild Semiconductor H11A617B Datasheet HTML 9Page - Fairchild Semiconductor H11A617B Datasheet HTML 10Page - Fairchild Semiconductor H11A617B Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
www.fairchildsemi.com
H11AA814 Series, H11A617 Series, H11A817 Series Rev. 1.0.8
Ordering Information
*To specify the new construction version which needs 260°C max reflow peak temperature rating: add “NF098” to the
end of the part number. The non-NF098 version is rated for 260°C peak reflow temperature only for parts marked with
date code 0550 and later.
Marking Information
Part Number Example
Description
H11AA814S
Surface Mount Lead Bend
H11AA814SD
Surface Mount; Tape and reel
H11AA814W
0.4" Lead Spacing
H11AA814300
VDE Approved
H11AA814300W
VDE Approved, 0.4" Lead Spacing
H11AA8143S
VDE Approved, Surface Mount
H11AA8143SD
VDE Approved, Surface Mount, Tape & Reel
1
2
6
4
3
5
Definitions
1Fairchild logo
2Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4
One digit year code
5Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code
814
X
VY
ZZ


Similar Part No. - H11A617B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11A617B FAIRCHILD-H11A617B Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11A617B.300 FAIRCHILD-H11A617B.300 Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11A617B.300W FAIRCHILD-H11A617B.300W Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11A617B.3S FAIRCHILD-H11A617B.3S Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11A617B.3SD FAIRCHILD-H11A617B.3SD Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - H11A617B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD617 FAIRCHILD-FOD617 Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
FOD817 FAIRCHILD-FOD817 Datasheet
163Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
H11AA814 QT-H11AA814 Datasheet
30Kb / 4P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA814 FAIRCHILD-H11AA814 Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
FOD816 FAIRCHILD-FOD816 Datasheet
114Kb / 9P
   4-Pin Phototransistor Optocouplers
logo
ON Semiconductor
FOD814 ONSEMI-FOD814_V02 Datasheet
388Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
September, 2023 - Rev. 9
FOD814 ONSEMI-FOD814_V01 Datasheet
361Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
August, 2021 ??Rev. 7
FOD814 ONSEMI-FOD814 Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com