Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSUSB30L10X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSUSB30L10X
Description  Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB30L10X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSUSB30L10X Datasheet HTML 1Page - Fairchild Semiconductor FSUSB30L10X Datasheet HTML 2Page - Fairchild Semiconductor FSUSB30L10X Datasheet HTML 3Page - Fairchild Semiconductor FSUSB30L10X Datasheet HTML 4Page - Fairchild Semiconductor FSUSB30L10X Datasheet HTML 5Page - Fairchild Semiconductor FSUSB30L10X Datasheet HTML 6Page - Fairchild Semiconductor FSUSB30L10X Datasheet HTML 7Page - Fairchild Semiconductor FSUSB30L10X Datasheet HTML 8Page - Fairchild Semiconductor FSUSB30L10X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB30 Rev. 1.1.5
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only.
Note:
1. The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are
observed. DC switch voltage may never exceed 4.6V.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.(2)
Note:
2. Control input must be held HIGH or LOW and it must not float.
Symbol
Parameter
Minimum
Maximum
Unit
VCC
Supply Voltage
-0.5
+4.6
V
VCNTRL
DC Input Voltage(1)
-0.5
+4.6
V
VSW
DC Switch Voltage(1)
HSDnX
0.5
VCC + 0.3
V
D+,D- when VCC > 0
0.5
VCC + 0.3
V
D+,D- when VCC = 0
-0.50
5.25
V
IIK
DC Input Diode Current
-50
mA
IOUT
DC Output Current
50
mA
TSTG
Storage Temperature
-65
+150
°C
ESD
Human Body Model
All Pins
8
kV
I/O to GND
8
kV
Symbol
Parameter
Minimum
Maximum
Unit
VCC
Supply Voltage
3.0
4.3
V
VIN
Control Input Voltage
0
VCC
V
VSW
Switch Input Voltage
0
VCC
V
TA
Operating Temperature
-40
+85
°C
ΘJ
A
Thermal Resistance, 10 MicroPak
250
°C/W


Similar Part No. - FSUSB30L10X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB30L10X FAIRCHILD-FSUSB30L10X Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30L10X FAIRCHILD-FSUSB30L10X Datasheet
1Mb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
logo
ON Semiconductor
FSUSB30L10X ONSEMI-FSUSB30L10X Datasheet
750Kb / 19P
   Low-Power, Two-Port, High-Speed USB 2.0 Switch
April 2013 Rev. 1.1.8
logo
Fairchild Semiconductor
FSUSB30L10X FAIRCHILD-FSUSB30L10X_12 Datasheet
739Kb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
More results

Similar Description - FSUSB30L10X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
   Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22 FAIRCHILD-FSUSB22_08 Datasheet
552Kb / 12P
   Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
logo
Integrated Device Techn...
IDTUS8030 IDT-IDTUS8030 Datasheet
264Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
IDTUS8031 IDT-IDTUS8031 Datasheet
322Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Fairchild Semiconductor
FSUSB31 FAIRCHILD-FSUSB31 Datasheet
690Kb / 14P
   Low Power Dual SPST Hi-Speed USB 2.0 (480Mbps) Switch
logo
Renesas Technology Corp
US8030 RENESAS-US8030 Datasheet
263Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com