Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSUSB11L10X Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FSUSB11L10X
Description  Low-Power Full-Speed USB (12Mbps) Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB11L10X Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FSUSB11L10X Datasheet HTML 5Page - Fairchild Semiconductor FSUSB11L10X Datasheet HTML 6Page - Fairchild Semiconductor FSUSB11L10X Datasheet HTML 7Page - Fairchild Semiconductor FSUSB11L10X Datasheet HTML 8Page - Fairchild Semiconductor FSUSB11L10X Datasheet HTML 9Page - Fairchild Semiconductor FSUSB11L10X Datasheet HTML 10Page - Fairchild Semiconductor FSUSB11L10X Datasheet HTML 11Page - Fairchild Semiconductor FSUSB11L10X Datasheet HTML 12Page - Fairchild Semiconductor FSUSB11L10X Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB11 Rev. 1.0.2
10
Physical Dimension
Dimensions are in millimeters (inches) unless otherwise noted.
Figure 13. Pb-Free 10-Lead MicroPak, 1.6 x 2.1mm


Similar Part No. - FSUSB11L10X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB11L10X FAIRCHILD-FSUSB11L10X Datasheet
609Kb / 7P
   Low Power High Bandwidth USB Switch Dual SPDT Multiplexer/Demultiplexer
logo
ON Semiconductor
FSUSB11L10X ONSEMI-FSUSB11L10X Datasheet
608Kb / 12P
   Low-Power, Full-Speed (12Mbps) Switch
November 2009 Rev. 1.0.4
logo
Fairchild Semiconductor
FSUSB11L10X FAIRCHILD-FSUSB11L10X_09 Datasheet
557Kb / 10P
   Low-Power, Full-Speed (12Mbps) Switch
More results

Similar Description - FSUSB11L10X

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2258 SGMICRO-SGM2258 Datasheet
335Kb / 11P
   Full-Speed USB (12Mbps) Switch
logo
Fairchild Semiconductor
FSUSB11 FAIRCHILD-FSUSB11_09 Datasheet
557Kb / 10P
   Low-Power, Full-Speed (12Mbps) Switch
logo
ON Semiconductor
FSUSB11 ONSEMI-FSUSB11 Datasheet
608Kb / 12P
   Low-Power, Full-Speed (12Mbps) Switch
November 2009 Rev. 1.0.4
logo
Feeling Technology Corp...
FM8PU86LV FEELING-FM8PU86LV Datasheet
1Mb / 40P
   Low Power Full-Speed USB Controller
logo
Agere Systems
USS810 AGERE-USS810 Datasheet
238Kb / 14P
   USB 2.0 Full-Speed/Low-Speed Transceiver
logo
Analog Devices
ADUM4160 AD-ADUM4160 Datasheet
425Kb / 14P
   Full/Low Speed USB Digital Isolator
Rev. Pr F
ADUM4160 AD-ADUM4160_09 Datasheet
302Kb / 16P
   Full/Low Speed USB Digital Isolator
REV. A
logo
Feeling Technology Corp...
FM8PU86LK FEELING-FM8PU86LK Datasheet
861Kb / 36P
   Full-Speed USB Controller
logo
ELAN Microelectronics C...
EM78M680 EMC-EM78M680 Datasheet
650Kb / 53P
   USB Full Speed Microcontroller
logo
Texas Instruments
ISOUSB111 TI-ISOUSB111_V01 Datasheet
1Mb / 35P
[Old version datasheet]   ISOUSB111 Full/Low Speed Isolated USB Repeater
APRIL 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com