Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8106IRZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL8106IRZ
Description  Wide VIN, 7V to 25V, Single-Phase PWM Controller with Integrated MOSFET Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8106IRZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL8106IRZ Datasheet HTML 1Page - Intersil Corporation ISL8106IRZ Datasheet HTML 2Page - Intersil Corporation ISL8106IRZ Datasheet HTML 3Page - Intersil Corporation ISL8106IRZ Datasheet HTML 4Page - Intersil Corporation ISL8106IRZ Datasheet HTML 5Page - Intersil Corporation ISL8106IRZ Datasheet HTML 6Page - Intersil Corporation ISL8106IRZ Datasheet HTML 7Page - Intersil Corporation ISL8106IRZ Datasheet HTML 8Page - Intersil Corporation ISL8106IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN9283.1
November 10, 2006
PWM
Frequency Range
FOSC
FCCM = 5V
200
600
kHz
FAUDIO
FCCM = GND; ISL8106CRZ
21
28
kHz
FCCM = GND; ISL8106IRZ
20
28
kHz
Frequency-Set Accuracy
FOSC = 300kHz; ISL8106CRZ
-10
+10
%
FOSC = 300kHz; ISL8106IRZ
-12
+12
%
VO Range
VVO
0.60
3.30
V
VO Input Leakage Current
IVO
VO = 0.60V
VO = 3.30V
1.3
7.0
μA
μA
ERROR AMPLIFIER
FB Input Bias Current
IFB
FB = 0.60V
± 20
nA
COMP Source Current
ICOMPSRC FB = 0.40V, COMP = 3.20V
2.5
mA
COMP Sink Current
ICOMPSNK FB = 0.80V, COMP = 0.30V
0.3
mA
COMP High Clamp Voltage
VCOMPHC
FB = 0.40V, Sink 50
μA
3.10
3.40
3.65
V
COMP Low Clamp Voltage
VCOMPLC
FB = 0.80V, Source 50
μA
0.09
0.15
0.21
V
GATE DRIVER
TGATE Pull-Up Resistance
RTGATEPU 200mA Source Current (Note 3)
1.0
1.5
Ω
TGATE Source Current
ITGATESRC VTGATE to LX = 2.5V
2.0
A
TGATE Sink Resistance
RTGATEPD 250mA Sink Current (Note 3)
1.0
1.5
Ω
TGATE Sink Current
ITGATESNK VTGATE to LX = 2.5V
2.0
A
BGATE Pull-Up Resistance
RBGATEPU 250mA Source Current (Note 3)
1.0
1.5
Ω
BGATE Source Current
IBGATESRC VBGATE to PGND = 2.5V
2.0
A
BGATE Sink Resistance
RBGATEPD 250mA Sink Current (Note 3)
0.5
0.9
Ω
BGATE Sink Current
IBGATESNK VBGATE to PGND = 2.5V
4.0
A
Delay From TGATE Falling to BGATE
Rising
tTGATEFBG
ATER
TGATE falling to BGATE rising
21
ns
Delay From BGATE Falling to TGATE
Rising
tBGATEFTG
ATER
BGATE falling to TGATE rising
14
ns
BOOTSTRAP DIODE
Forward Voltage
VF
PVCC = 5V, IF = 2mA
0.58
V
Reverse Leakage
IR
VR = 25V
0.2
μA
POWER GOOD
PGOOD Pull Down Impedance
PGRSS
PGOOD = 5mA Sink; ISL8106CRZ
75
95
115
Ω
PGRUV
PGRSS
PGOOD = 5mA Sink; ISL8106IRZ
67
95
118
Ω
PGRUV
PGROV
PGOOD = 5mA Sink; ISL8106CRZ
50
63
78
Ω
PGOOD = 5mA Sink; ISL8106IRZ
45
63
81
Ω
PGROC
PGOOD = 5mA Sink; ISL8016CRZ
25
32
40
Ω
PGOOD = 5mA Sink; ISL8106IRZ
22
32
43
Ω
PGOOD Leakage Current
IPGOOD
PGOOD = 5V
<0.1
1.0
μA
PGOOD Maximum Sink Current
5.0
mA
Electrical Specifications
Recommended Operating Conditions, unless otherwise noted specifications in bold are valid for process,
temperature, and line operating conditions.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISL8106


Similar Part No. - ISL8106IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8106IRZ RENESAS-ISL8106IRZ Datasheet
994Kb / 16P
   Wide VIN, 7V to 25V, Single-Phase PWM Controller with Integrated MOSFET Drivers
More results

Similar Description - ISL8106IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8106 RENESAS-ISL8106 Datasheet
994Kb / 16P
   Wide VIN, 7V to 25V, Single-Phase PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL8118IRZ-T INTERSIL-ISL8118IRZ-T Datasheet
414Kb / 20P
   3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers
ISL8118 INTERSIL-ISL8118 Datasheet
431Kb / 20P
   3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers
ISL8118 INTERSIL-ISL8118 Datasheet
486Kb / 20P
   3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers
logo
Renesas Technology Corp
ISL8118 RENESAS-ISL8118 Datasheet
919Kb / 20P
   3.3V to 20V, Single-Phase PWM Controller with Integrated 2A/4A MOSFET Drivers
logo
Anpec Electronics Corop...
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL8601 INTERSIL-ISL8601 Datasheet
99Kb / 4P
   Single-Phase, PMBus-Enabled PWM Controller with Integrated FET Drivers
logo
Renesas Technology Corp
ISL6563 RENESAS-ISL6563 Datasheet
931Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com