Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6257 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6257
Description  Highly Integrated Narrow VDC Battery Charger for Notebook Computers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6257 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6257 Datasheet HTML 4Page - Intersil Corporation ISL6257 Datasheet HTML 5Page - Intersil Corporation ISL6257 Datasheet HTML 6Page - Intersil Corporation ISL6257 Datasheet HTML 7Page - Intersil Corporation ISL6257 Datasheet HTML 8Page - Intersil Corporation ISL6257 Datasheet HTML 9Page - Intersil Corporation ISL6257 Datasheet HTML 10Page - Intersil Corporation ISL6257 Datasheet HTML 11Page - Intersil Corporation ISL6257 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
FN9288.2
January 17, 2007
Functional Pin Descriptions
BOOT
Connect BOOT to a 0.1µF ceramic capacitor to PHASE pin
and connect to the cathode of the bootstrap Schottky diode.
UGATE
UGATE is the high-side MOSFET gate drive output.
SGATE
SGATE is the AC adapter power source select output. The
SGATE pin drives an external P-MOSFET used to switch to
AC adapter as the system power source.
BGATE
Battery power source select output. This pin drives an
external P-channel MOSFET used to switch the battery as
the system power source in non Narrow VDC systems.
When the voltage at CSON pin is higher than the AC adapter
output voltage at DCIN, BGATE is driven to low and selects
the battery as the power source. In Narrow VDC systems
BGATE should be unconnected.
LGATE
LGATE is the low-side MOSFET gate drive output; swing
between 0V and VDDP.
PHASE
The Phase connection pin connects to the high-side
MOSFET source, output inductor, and low-side MOSFET
drain.
CSOP/CSON
CSOP/CSON is the battery charging current sensing
positive/negative input. The differential voltage across CSOP
and CSON is used to sense the battery charging current,
and is compared with the charging current limit threshold to
regulate the charging current. The CSON pin is also used as
the battery feedback voltage to perform voltage regulation.
CSIP/CSIN
CSIP/CSIN is the AC adapter current sensing
positive/negative input. The differential voltage across CSIP
and CSIN is used to sense the AC adapter current, and is
compared with the AC adapter current limit to regulate the
AC adapter current.
GND
GND is an analog ground.
DCIN
The DCIN pin is the input of the internal 5V LDO. Connect it
to the AC adapter output. Connect a 0.1µF ceramic
capacitor from DCIN to CSON.
ACSET
ACSET is an AC adapter detection input. Connect to a
resistor divider from the AC adapter output.
ACPRN
Open-drain output signals AC adapter is present. ACPRN
pulls low when ACSET is higher than 1.26V and pulled high
when ACSET is lower than 1.26V.
DCSET
DCSET is a lower voltage adapter detection input (like
aircraft power 15V). Allows the adapter to power the system
where battery charging has been disabled.
DCPRN
Open-drain output signals DC adapter is present. DCPRN
pulls low when DCSET is higher than 1.26V and pulled high
when DCSET is lower than 1.26V.
EN
EN is the Charge Enable input. Connecting EN to high
enables the charge control function; connecting EN to low
disables charging functions. Use with a thermistor to detect
a hot battery and suspend charging.
FIGURE 17. LINE AND LOAD REGULATION IN NVDC MODE
FIGURE 18. LINE AND LOAD REGULATION IN NVDC MODE
AS A PERCENTAGE OF NO LOAD VOLTAGE
Typical Operating Performance
DCIN = 20V, 4S2P Li-Battery, TA = +25°C, unless otherwise noted. (Continued)
Line and Load
Regulation
0
2
4
6
8
10
12
14
16
18
02
46
8
10
12
System Load Current (Amps)
10Vin-8.4Vout
15Vin-8.4Vout
20Vin-8.4Vout
25Vin-8.4Vout
15Vin-12.6Vout
20Vin-12.6Vout
25Vin-12.6Vout
20Vin-16.8Vout
25Vin-16.8Vout
Adapter Current
Limit Mode
Line and Load
Regulation (%)
-0.6%
-0.4%
-0.2%
0.0%
0.2%
0.4%
0.6%
02
46
8
10
12
System Load Current (Amps)
10Vin-8.4Vout
15Vin-8.4Vout
20Vin-8.4Vout
25Vin-8.4Vout
15Vin-12.6Vout
20Vin-12.6Vout
25Vin-12.6Vout
20Vin-16.8Vout
25Vin-16.8Vout
upper limit
lowerlimit
Adapter Current
Limit Mode
ISL6257


Similar Part No. - ISL6257

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6257 RENESAS-ISL6257 Datasheet
1,008Kb / 22P
   Highly Integrated Narrow VDC Battery Charger for Notebook Computers
ISL6257HRZ RENESAS-ISL6257HRZ Datasheet
1,008Kb / 22P
   Highly Integrated Narrow VDC Battery Charger for Notebook Computers
ISL6257HRZ-T RENESAS-ISL6257HRZ-T Datasheet
1,008Kb / 22P
   Highly Integrated Narrow VDC Battery Charger for Notebook Computers
More results

Similar Description - ISL6257

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6257 RENESAS-ISL6257 Datasheet
1,008Kb / 22P
   Highly Integrated Narrow VDC Battery Charger for Notebook Computers
ISL6253 RENESAS-ISL6253 Datasheet
1,021Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
logo
Intersil Corporation
ISL6253 INTERSIL-ISL6253 Datasheet
549Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
ISL6252 INTERSIL-ISL6252 Datasheet
782Kb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6252 RENESAS-ISL6252 Datasheet
1Mb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
logo
Intersil Corporation
ISL6256 INTERSIL-ISL6256 Datasheet
838Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Renesas Technology Corp
ISL6256 RENESAS-ISL6256 Datasheet
1Mb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Intersil Corporation
ISL6255HRZ INTERSIL-ISL6255HRZ Datasheet
654Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6256HRZ INTERSIL-ISL6256HRZ Datasheet
837Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
September 14, 2010
ISL6255 INTERSIL-ISL6255 Datasheet
804Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com