Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6297CR Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6297CR
Description  Li-ion/Li Polymer Battery Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6297CR Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6297CR Datasheet HTML 1Page - Intersil Corporation ISL6297CR Datasheet HTML 2Page - Intersil Corporation ISL6297CR Datasheet HTML 3Page - Intersil Corporation ISL6297CR Datasheet HTML 4Page - Intersil Corporation ISL6297CR Datasheet HTML 5Page - Intersil Corporation ISL6297CR Datasheet HTML 6Page - Intersil Corporation ISL6297CR Datasheet HTML 7Page - Intersil Corporation ISL6297CR Datasheet HTML 8Page - Intersil Corporation ISL6297CR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
FN9215.1
March 20, 2007
Pin Description
Typical Application
PIN #
PIN NAME
DESCRIPTION
1, 15, 16
VIN
VIN is the input power source. It is recommended to have a 1
Ω resistor in series with the input decoupling capacitor to
prevent an over-shoot voltage when the input cable is plugged in.
2GRN
Open-drain LED drive pin. This pin sinks a constant-current 10mA to drive a green LED in a bi-color LED pack.
3RED
Open-drain LED drive pin. This pin sinks a constant-current 10mA to drive a red LED in a bi-color LED pack.
4
TIME
Timer Programming Input. The TIME pin determines the oscillation period by connecting a timing capacitor between this
pin and GND. The oscillator provides a time reference for the charger.
5
GND
GND is the connection to system ground.
6
DT
Delta Temperature Setting Input. This pin sets the temperature difference before and after the charging starts. This pin can
also be used as an indication whether or not the charger is charging.
7EN
Enable Input. Connect EN LOW to enable the charger. Pull it HIGH or leave it floating to disable the charger. This pin is
pulled up to 2.9V when left floating.
8
V2P9
Untrimmed 2.9V voltage output. This pin outputs a 2.9V voltage source when the input voltage is above POR threshold,
independent on the EN pin input. The V2P9 output is used to power the LEDs, the NTC circuit, or for other functions. The
maximum output current is 30mA. This output can also be used as an indication for adapter presence.
9IREF
This is the programming input for the constant charging current in a linear charger. In the typical application of a dual-mode
charger, the IREF pin programs the trickle charge current as well as the protection current level.
10
IMIN
IMIN is the programmable input for the end-of-charge current.
11
TEMP
Temperature setting input. An external NTC thermistor is connected to this pin for ambient temperature sensing.
12
VSEN
Battery remote voltage sensing feedback pin. This pin allows remote sense of the battery pack voltage. Connect this pin
as close as possible to the battery positive terminal with a separate trace to minimize the impact of parasitic resistance.
This pin also serves the function of compensating for voltage drop caused by the connector contact resistance.
13, 14
BAT
BAT is the charger output.
-
EPAD
Exposed Pad. This pad is internally connected to GND. Connect as much copper as possible to this pad on the component
or other layers through thermal vias to maximize the thermal performance.
VIN
V2P9
TEMP
GND
BAT
Input
C
1
To Battery
C
3
BAT+
BAT-
ID
R
1
R
2
R
T
C
2
DT
RED
GRN
D
2
D
1
EN
TIME
C
TIME
IREF
R
IREF
IMIN
R
IMIN
VSEN
C
4
R
3
R
S
C1:1μF X5R ceramic capacitor
C2, C4:0.1μF X5R ceramic capacitor
CTIME : 22nF X5R or better timing capacitor
D1, D2: dual-color (red and green) LED in one package
R1:15kΩ, 1%
R2: TBD, value dependent on the DT (1.37kΩ for +10°C delta)
RT: MuRata NCP18XH103J -- 10kΩ at +25°C, 5% (0603 size)
RS:41.2Ω
R3:10kΩ, 5% (R3 and C4 are for improving ESD protection)
RIREF :80kΩ, 1%
RIMIN : 133kΩ, 1%
NOTE: Temperature limit
components selected for a
temperature Range of -5°C
to +45°C (not charging)
See Example, page 14
C3:10μF X5R ceramic capacitor
Input
C1
RIN
RIN: 1Ω (Used to prevent overshoot when connecting the cable)
ISL6297


Similar Part No. - ISL6297CR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6297CR INTERSIL-ISL6297CR Datasheet
432Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6297CR RENESAS-ISL6297CR Datasheet
786Kb / 17P
   Li-ion/Li Polymer Battery Charger
logo
Intersil Corporation
ISL6297CR-T INTERSIL-ISL6297CR-T Datasheet
432Kb / 16P
   Li-ion/Li Polymer Battery Charger
ISL6297CRZ INTERSIL-ISL6297CRZ Datasheet
432Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6297CRZ RENESAS-ISL6297CRZ Datasheet
786Kb / 17P
   Li-ion/Li Polymer Battery Charger
More results

Similar Description - ISL6297CR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
logo
uPI Group Inc.
UP8001A UPI-UP8001A Datasheet
443Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
   Li-ion/Li-Polymer Battery Charger
logo
Intersil Corporation
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com