Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6299AIRZ-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6299AIRZ-T
Description  Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6299AIRZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6299AIRZ-T Datasheet HTML 1Page - Intersil Corporation ISL6299AIRZ-T Datasheet HTML 2Page - Intersil Corporation ISL6299AIRZ-T Datasheet HTML 3Page - Intersil Corporation ISL6299AIRZ-T Datasheet HTML 4Page - Intersil Corporation ISL6299AIRZ-T Datasheet HTML 5Page - Intersil Corporation ISL6299AIRZ-T Datasheet HTML 6Page - Intersil Corporation ISL6299AIRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6299AIRZ-T Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
FN9212.1
January 3, 2006
Functional Pin Description
CRDL (Pin 1)
Cradle input. This pin is usually connected to a cradle power
input. The maximum input voltage is 28V. The charge
current from this pin is programmable with the ICDL pin up to
1A. When this pin is connected to a power source, no charge
current is drawn from the USB pin. A 1µF or larger value
ceramic capacitor is recommended for decoupling.
USB (Pin 2)
USB input. This pin is usually connected to a USB port
power connector. Other sources that are lower than 5.5V are
also acceptable. The charge current from the USB pin is
fixed at typically 380mA. A 1µF or larger value ceramic
capacitor is recommended for decoupling. It is also
recommended to have a 1
Ω resistor in series with the
decoupling capacitor to prevent an over-shoot voltage when
a USB cable is plugged in.
PPR (Pin 3)
Power presence indication. An open-drain output pin which
turns ON when either the USB input voltage or the CRDL
input voltage is above its POR level, regardless if the
charger is enabled or disabled. Otherwise turns OFF. This
pin provides a wake-up signal to a microprocessor when
either the cradle or the USB power is connected.
CHG (Pin 4)
Charge indication pin. An open-drain output which turns ON
when the charge current from the cradle input is above
programmable IMIN or when the charge current from the
USB input is above the fixed end of charge current
threshold. Otherwise turns OFF.
EN (Pin 5)
Enable logic input. Connect to LOW or leave floating to
enable the charger.
IMIN (Pin 6)
IMIN is the programmable input for the end-of-charge
current. IMIN is calculated by the following equation:
Where RIMIN is in kΩ. IMIN is only applicable to the cradle
charging. The USB EOC current has been fixed as shown on
the electrical specification table.
PRECONDITIONING CHARGE THRESHOLD
Preconditioning Charge Threshold Voltage
VMIN
2.5
2.6
2.7
V
INTERNAL TEMPERATURE MONITORING
Current Foldback Threshold (Note 7)
TFOLD
85
100
115
°C
LOGIC INPUT AND OUTPUT
USBON Logic Input High
1.3
-
-
V
USBON Logic Input LOW
--
0.4
V
EN Pin Logic Input High
1.3
-
-
V
EN Pin Logic Input Low
--
0.4
V
EN Pin Internal Pull Down Resistance
350
600
850
k
USBON Pin internal Pull Down Resistance
700
1000
1300
k
CHG/PPR Sink Current
Pin Voltage = 0.8V
10
-
-
mA
NOTES:
3. The 4.0V VBAT is selected so that the CHG output can be used as the indication for the offset comparator output indication. If the VBAT is lower
than the POR threshold, no output pin can be used for indication.
4. The maximum and minimum limits are guaranteed over -40°C to 70°C ambient temperature range.
5. The charge current can be affected by the thermal foldback function if the IC under the test setup cannot dissipate the heat.
6. Constant current can be affected if the junction temperature exceeds 70 °C.
7. Guaranteed by characterization or correlation to other test.
8. Tested at TJ = 25°C.
Electrical Specifications
Typical Values Are Tested at USB = CRDL = 5V and ambient temperature is at 25°C, Unless Otherwise Noted. All
Maximum and Minimum Values Are Guaranteed Under the Recommended Operating Conditions. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IMIN
14478
RIMIN
---------------- 4mA
()
=
ISL6299A


Similar Part No. - ISL6299AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6299AIRZ-T INTERSIL-ISL6299AIRZ-T Datasheet
222Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Renesas Technology Corp
ISL6299AIRZ-T RENESAS-ISL6299AIRZ-T Datasheet
416Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
More results

Similar Description - ISL6299AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6293 RENESAS-ISL6293 Datasheet
429Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL6299A INTERSIL-ISL6299A Datasheet
222Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Renesas Technology Corp
ISL6299A RENESAS-ISL6299A Datasheet
416Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL9214AIRZ INTERSIL-ISL9214AIRZ Datasheet
202Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
May 5, 2008
ISL6299 INTERSIL-ISL6299 Datasheet
225Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Renesas Technology Corp
ISL9214 RENESAS-ISL9214 Datasheet
533Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL9214A INTERSIL-ISL9214A Datasheet
205Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
ISL9214 INTERSIL-ISL9214 Datasheet
193Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
ISL6293 INTERSIL-ISL6293 Datasheet
208Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
ISL6293 INTERSIL-ISL6293_06 Datasheet
222Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com