Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS7316DR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS7316DR
Description  3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7316DR Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS7316DR Datasheet HTML 6Page - Texas Instruments THS7316DR Datasheet HTML 7Page - Texas Instruments THS7316DR Datasheet HTML 8Page - Texas Instruments THS7316DR Datasheet HTML 9Page - Texas Instruments THS7316DR Datasheet HTML 10Page - Texas Instruments THS7316DR Datasheet HTML 11Page - Texas Instruments THS7316DR Datasheet HTML 12Page - Texas Instruments THS7316DR Datasheet HTML 13Page - Texas Instruments THS7316DR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
www.ti.com
T − Ambient Temperature − C
A
o
17.5
18
18.5
19
19.5
20
0
60
90
-30
-40
-10
-20
10
20
30 40
50
70
80
V =5V
S
V =3.3V
S
T − Ambient Temperature − C
A
o
5.9
5.92
5.96
6.04
6.08
6.1
0
60
90
-30
-40
-10
-20
10
20
30 40
50
70
80
V =3.3V
S
V =5V
S
6.06
6
6.02
5.98
5.94
T − Ambient Temperature − C
A
o
0
0.1
0.2
0.5
0.7
0
60
90
-30
-40
-10
-20
10
20
30 40
50
70
80
0.6
0.4
0.3
V =5V
S
T − Ambient Temperature − C
A
o
27
28
29
31
33
0
60
90
-30
-40
-10
-20
10
20
30 40
50
70
80
32
30
V =5V
S
THS7316
SLOS521 – MARCH 2007
TYPICAL CHARACTERISTICS (continued)
QUIESCENT CURRENT vs TEMPERATURE
VOLTAGE GAIN vs TEMPERATURE
Figure 22.
Figure 23.
ATTENUATION at 27 MHz vs TEMPERATURE
ATTENUATION at 27 MHz vs TEMPERATURE
Figure 24.
Figure 25.
10
Submit Documentation Feedback


Similar Part No. - THS7316DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7316DR TI-THS7316DR Datasheet
813Kb / 28P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316DR TI1-THS7316DR Datasheet
1Mb / 29P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316DR TI1-THS7316DR Datasheet
1Mb / 31P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316DRG4 TI-THS7316DRG4 Datasheet
813Kb / 28P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316DRG4 TI1-THS7316DRG4 Datasheet
1Mb / 29P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results

Similar Description - THS7316DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7316 TI1-THS7316_17 Datasheet
1Mb / 31P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316 Datasheet
813Kb / 28P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_14 Datasheet
1Mb / 29P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI-THS7314 Datasheet
616Kb / 23P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_14 Datasheet
969Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314EVM TI1-THS7314EVM Datasheet
973Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_17 Datasheet
972Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7365 TI-THS7365 Datasheet
1Mb / 53P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7315 TI-THS7315 Datasheet
2Mb / 26P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
THS7315 TI1-THS7315_14 Datasheet
2Mb / 28P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com