Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS7316 Datasheet(PDF) 1 Page - Texas Instruments

Part # THS7316
Description  3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7316 Datasheet(HTML) 1 Page - Texas Instruments

  THS7316_07 Datasheet HTML 1Page - Texas Instruments THS7316_07 Datasheet HTML 2Page - Texas Instruments THS7316_07 Datasheet HTML 3Page - Texas Instruments THS7316_07 Datasheet HTML 4Page - Texas Instruments THS7316_07 Datasheet HTML 5Page - Texas Instruments THS7316_07 Datasheet HTML 6Page - Texas Instruments THS7316_07 Datasheet HTML 7Page - Texas Instruments THS7316_07 Datasheet HTML 8Page - Texas Instruments THS7316_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
5
8
7
6
VS+
GND
CH.2IN
CH.3IN
CH.1IN
CH.3OUT
CH.2OUT
CH.1OUT
DAC/
Encoder
1
2
3
4
Y’ /G’
P’ /R’
R
75 W
3.3V
3.3V
75 W
HDTV
720p/1080i
VGA
SVGA
XGA
Y’P’ P’
G’B’R’
B
R
R
R
R
THS7316
P’ /B’
B
P’ /R’ Out
R
Y’ /G’ Out
75 W
75 W
75 W
P’ /B’ Out
B
75 W
THS7316
SLOS521 – MARCH 2007
3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
• 3 HDTV Video Amplifiers for Y'P'
BP'R 720p and
Fabricated
using
the
Silicon-Germanium
(SiGe)
1080i, G'B'R' (R'G'B'), VGA/SVGA/XGA
BiCom-III process, the THS7316 is a low power
single-supply 3-V to 5-V, 3-channel integrated video
• Integrated Low-Pass Filters
buffer.
It
incorporates
a
5th-order
modified
5th-Order 36-MHz (–3 dB) Butterworth Filter
Butterworth
filter
which
is
useful
as
a
DAC
–1 dB Passband Bandwidth at 31 MHz
reconstruction filter or an ADC anti-aliasing filter. The
36-MHz filter is a perfect choice for HDTV video
30 dB Attenuation at 74 MHz
which includes Y'P'BP'R 720p/1080i, G'B'R' (R'G'B'),
• Versatile Input Biasing
and VGA/SVGA/XGA signals.
DC-Coupled With 140-mV Input Shift
As part of the THS7316 flexibility, the input can be
AC-Coupled with Sync-Tip Clamp
configured for ac or dc coupled inputs. The DC +
Allows AC-Coupled With Biasing
140-mV input offset shift to allow for a full sync
dynamic range at the output with 0-V input. The AC
• Built-in 6-dB Gain (2V/V)
coupled modes include a transparent sync-tip clamp
• 3-V to 5-V Single Supply Operation
option for signals with sync such as Y’ or Green with
• Rail-to-Rail Output:
sync.
AC-coupled
biasing
for
P’B/P’R/Non-sync
channels can be achieved by adding an external
Output Swings Within 100 mV From the
resistor.
Rails Allowing AC or DC Output Coupling
Supports Driving 2 Lines per Channel
The THS7316 is the perfect choice for all output
buffer applications. Its rail-to-rail output stage with
• Low 18.3-mA at 3.3-V Total Quiescent Current
6-dB gain allows for both ac and dc line driving. The
• Low Differential Gain/Phase of 0.1% / 0.1°
ability to drive 2 video lines per channel, or 75-
• SOIC-8 Package
loads, allows for maximum flexibility as a video line
driver. The 18.3-mA total quiescent current makes it
an excellent choice for USB powered, portable, or
other power sensitive video applications.
• Set Top Box Output Video Buffering
• PVR/DVDR Output Buffering
The THS7316 is available in a small SOIC-8
package that is RoHS compliant.
• USB/Portable Low Power Video Buffering
Figure 1. 3.3-V Single-Supply DC-Input/DC Output Coupled Video Line Driver
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS7316_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7316D TI-THS7316D Datasheet
813Kb / 28P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316D TI1-THS7316D Datasheet
1Mb / 29P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316D TI1-THS7316D Datasheet
1Mb / 31P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316DG4 TI1-THS7316DG4 Datasheet
1Mb / 29P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316DG4 TI1-THS7316DG4 Datasheet
1Mb / 31P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results

Similar Description - THS7316_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7316 TI1-THS7316_17 Datasheet
1Mb / 31P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316 Datasheet
813Kb / 28P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_14 Datasheet
1Mb / 29P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI-THS7314 Datasheet
616Kb / 23P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_14 Datasheet
969Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314EVM TI1-THS7314EVM Datasheet
973Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_17 Datasheet
972Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7365 TI-THS7365 Datasheet
1Mb / 53P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7315 TI-THS7315 Datasheet
2Mb / 26P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
THS7315 TI1-THS7315_14 Datasheet
2Mb / 28P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com