Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTQA420050P2AS Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PTQA420050P2AS
Description  100-W 48-V INPUT ISOLATED DC/DC CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTQA420050P2AS Datasheet(HTML) 10 Page - Texas Instruments

Back Button PTQA420050P2AS Datasheet HTML 6Page - Texas Instruments PTQA420050P2AS Datasheet HTML 7Page - Texas Instruments PTQA420050P2AS Datasheet HTML 8Page - Texas Instruments PTQA420050P2AS Datasheet HTML 9Page - Texas Instruments PTQA420050P2AS Datasheet HTML 10Page - Texas Instruments PTQA420050P2AS Datasheet HTML 11Page - Texas Instruments PTQA420050P2AS Datasheet HTML 12Page - Texas Instruments PTQA420050P2AS Datasheet HTML 13Page - Texas Instruments PTQA420050P2AS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.ti.com
APPLICATION INFORMATION
Operating Features and System Considerations for the PTQA Series of DC/DC Converters
Overcurrent Protection
Output Overvoltage Protection
Overtemperature Protection
Undervoltage Lockout
Primary-Secondary Isolation
Input Current Limiting
Thermal Considerations
PTQA430025, PTQA430033, PTQA420050
SLTS261A – MAY 2006 – REVISED DECEMBER 2006
To protect against load faults, these converters incorporate output overcurrent protection. Applying a load to the
output that exceeds the converter's overcurrent threshold (see applicable specification) will cause the output
voltage to momentarily fold back, and then shut down. Following shutdown the module will periodically attempt
to automatically recover by initiating a soft-start power-up. This is often described as a hiccup mode of
operation, whereby the module continues in the cycle of successive shutdown and power up until the load fault
is removed. Once the fault is removed, the converter automatically recovers and returns to normal operation.
Each converter incorporates protection circuitry that continually senses for an output overvoltage (OV) condition.
The OV threshold is set approximately 20% higher than the nominal output voltage. If the converter output
voltage exceeds this threshold, the converter is immediately shut down and remains in a latched-off state. To
resume normal operation the converter must be actively reset. This can only be done by momentarily removing
the input power to the converter. For fail-safe operation and redundancy, the OV protection uses circuitry that is
independent of the converter’s internal feedback loop.
Overtemperature protection is provided by an internal temperature sensor, which closely monitors the
temperature of the converter’s printed circuit board (PCB). If the sensor exceeds a temperature of approximately
105
°C, the converter will shut down. The converter will then automatically restart when the sensed temperature
drops back to approximately 95
°C. When operated outside its recommended thermal derating envelope (see
data sheet SOA curves), the converter will typcially cycle on and off at intervals from a few seconds to one or
two minutes. This is to ensure that the internal components are not permanently damaged from excessive
thermal stress.
The Undervoltage lockout (UVLO) is designed to prevent the operation of the converter until the input voltage is
at the minimum input voltage. This prevents high start-up current during normal power-up of the converter, and
minimizes the current drain from the input source during low input voltage conditions. The UVLO circuitry also
overrides the operation of the Remote On/Off control.
These converters incorporate electrical isolation between the input terminals (primary) and the output terminals
(secondary). All converters are production tested to a withstand voltage of 1500 VDC. This specification
complies with UL60950 and EN60950 and the requirements for operational isolation. This allows the converter to
be configured for either a positive or negative input voltage source. The data sheet Pin Descriptions section
provides guidance as to the correct reference that must be used for the external control signals.
The converter is not internally fused. For safety and overall system protection, the maximum input current to the
converter must be limited. Active or passive current limiting can be used. Passive current limiting can be a fast
acting fuse. A 125-V fuse, rated no more than 10 A, is recommended. Active current limiting can be
implemented with a current limited Hot-Swap controller.
Airflow may be necessary to ensure that the module can supply the desired load current in environments with
elevated ambient temperatures. The required airflow rate may be determined from the Safe Operating Area
(SOA) thermal derating chart (see typical characteristics).
10
Submit Documentation Feedback


Similar Part No. - PTQA420050P2AS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PTQA430025N2AD TI-PTQA430025N2AD Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PTQA430025N2AS TI-PTQA430025N2AS Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PTQA430025N2AZ TI-PTQA430025N2AZ Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PTQA430025P2AD TI-PTQA430025P2AD Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
More results

Similar Description - PTQA420050P2AS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
PT3401C TI-PT3401C Datasheet
285Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com