Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTQA420050P2AS Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PTQA420050P2AS
Description  100-W 48-V INPUT ISOLATED DC/DC CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTQA420050P2AS Datasheet(HTML) 7 Page - Texas Instruments

Back Button PTQA420050P2AS Datasheet HTML 3Page - Texas Instruments PTQA420050P2AS Datasheet HTML 4Page - Texas Instruments PTQA420050P2AS Datasheet HTML 5Page - Texas Instruments PTQA420050P2AS Datasheet HTML 6Page - Texas Instruments PTQA420050P2AS Datasheet HTML 7Page - Texas Instruments PTQA420050P2AS Datasheet HTML 8Page - Texas Instruments PTQA420050P2AS Datasheet HTML 9Page - Texas Instruments PTQA420050P2AS Datasheet HTML 10Page - Texas Instruments PTQA420050P2AS Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
PTQA430025, V
O = 2.5 V
0
0
5
10
15
20
25
30
15
10
30
20
25
5
35
40
45
50
IO − Output Current − A
VI= 36 V
VI= 48 V
VI= 60 V
VI= 75 V
0
0
5
10
15
20
25
30
6
4
12
8
10
2
I
− OutputCurrent − A
O
VI =75V
VI =60V
VI =48V
VI =36V
90
80
85
95
70
60
65
75
50
40
45
55
0
5
10
15
20
25
30
I
− OutputCurrent − A
O
VI =36V
VI =75V
VI =60V
VI =48V
20
0
5
10
15
20
25
30
50
40
80
60
70
30
90
I
− OutputCurrent − A
O
LFM=200
Natural
Convection
LFM=400
LFM=100
PTQA430025, PTQA430033, PTQA420050
SLTS261A – MAY 2006 – REVISED DECEMBER 2006
All data listed in the graphs below have been developed from actual products tested at 25
°C. This data is considered typical
data for the DC-DC Converter. SOA curves represent operating conditions at which internal components are at or below
manufacturer's maximum rated operating temperature. For Figure 4 Safe Operating Area, V
I = 48 V.
EFFICIENCY
OUTPUT RIPPLE
POWER DISSIPATION
vs
vs
vs
LOAD CURRENT
LOAD CURRENT
LOAD CURRENT
Figure 1.
Figure 2.
Figure 3.
AMBIENT TEMPERATURE
vs
LOAD CURRENT
Figure 4.
7
Submit Documentation Feedback


Similar Part No. - PTQA420050P2AS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PTQA430025N2AD TI-PTQA430025N2AD Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PTQA430025N2AS TI-PTQA430025N2AS Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PTQA430025N2AZ TI-PTQA430025N2AZ Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PTQA430025P2AD TI-PTQA430025P2AD Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
More results

Similar Description - PTQA420050P2AS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
PT3401C TI-PT3401C Datasheet
285Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com