Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVCP404RGZRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN65LVCP404RGZRG4
Description  Gigabit 4x4 CROSSPOINT SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP404RGZRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65LVCP404RGZRG4 Datasheet HTML 5Page - Texas Instruments SN65LVCP404RGZRG4 Datasheet HTML 6Page - Texas Instruments SN65LVCP404RGZRG4 Datasheet HTML 7Page - Texas Instruments SN65LVCP404RGZRG4 Datasheet HTML 8Page - Texas Instruments SN65LVCP404RGZRG4 Datasheet HTML 9Page - Texas Instruments SN65LVCP404RGZRG4 Datasheet HTML 10Page - Texas Instruments SN65LVCP404RGZRG4 Datasheet HTML 11Page - Texas Instruments SN65LVCP404RGZRG4 Datasheet HTML 12Page - Texas Instruments SN65LVCP404RGZRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
www.ti.com
VID = 0 V
VOD = 0 V
t PLHD
t PHLD
IN
OUT
Clock Input
0 V
VA
VB
1/fo
PRBS Input
0 V
VA
VB
PRBS Output
0 V
VY
VZ
0 V
0 V
0 V
VY − VZ
VY − VZ
VY − VZ
Actual Output
Ideal Output
1/fo
Period Jitter
Cycle-to-Cycle Jitter
Peak-to-Peak Jitter
Actual Output
tjit(pp)
tc(n)
tc(n)
tc(n +1)
tjit(pp) = | tc(n) − 1/fo |
tjit(cc) = | tc(n) − tc(n + 1) |
25-inchFR4
(63,5cm)
<3-inch50
TL
(7,62cm)
W
<3-inch50
TL
(7,62cm)
W
SN65LVCP404
SLLS700 – MARCH 2007
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 6. Propagation Delay Input to Output
A.
All input pulses are supplied by an Agilent 81250 Stimulus System.
B.
The measurement is made with the AgilentParBert measurement software.
Figure 7. Driver Jitter Measurement Waveforms
Figure 8. AC Test Circuit — Jitter and Output Rise Time Test Circuit
The SN65LVCP404 input equalizer provides 5-dB frequency gain to compensate for frequency loss of a shorter
backplane transmission line. For characterization purposes, a 25-inch (63,5 cm) FR-4 coupled transmission line
is used in place of the backplane trace. The 25-inch trace provides roughly 5 dB of attenuation between 375
MHz and 2.125 GHz, representing closely the characteristics of a short backplane trace. The loss tangent of the
FR4 in the test board is 0.018 with an effective
ε(r) of 4.1.
9
Submit Documentation Feedback


Similar Part No. - SN65LVCP404RGZRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP404RGZR TI1-SN65LVCP404RGZR Datasheet
1Mb / 22P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP404RGZRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP404 TI1-SN65LVCP404_14 Datasheet
1Mb / 23P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
SN65LVCP404 TI1-SN65LVCP404_15 Datasheet
1Mb / 22P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
SN65LVDS250 TI-SN65LVDS250_07 Datasheet
544Kb / 18P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125A TI1-SN65LVDT125A_14 Datasheet
824Kb / 21P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125DBT TI-SN65LVDT125DBT Datasheet
250Kb / 16P
[Old version datasheet]   LVDS 4X4 CROSSPOINT SWITCH
SN65LVDS250 TI-SN65LVDS250 Datasheet
355Kb / 16P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100_03 Datasheet
300Kb / 10P
   4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com