Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVCP404RGZR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP404RGZR
Description  Gigabit 4x4 CROSSPOINT SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP404RGZR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65LVCP404RGZR Datasheet HTML 7Page - Texas Instruments SN65LVCP404RGZR Datasheet HTML 8Page - Texas Instruments SN65LVCP404RGZR Datasheet HTML 9Page - Texas Instruments SN65LVCP404RGZR Datasheet HTML 10Page - Texas Instruments SN65LVCP404RGZR Datasheet HTML 11Page - Texas Instruments SN65LVCP404RGZR Datasheet HTML 12Page - Texas Instruments SN65LVCP404RGZR Datasheet HTML 13Page - Texas Instruments SN65LVCP404RGZR Datasheet HTML 14Page - Texas Instruments SN65LVCP404RGZR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
1
2
3
4
5
6
7
8
DR-DataRate-Gbps
0
5
10
15
20
25
0
500
1000
1500
2000
1.25Gbps
2.5Gbps
3.125Gbps
3.75Gbps
4.25Gbps
0
5
10
15
20
25
30
35
40
45
50
0
1
2
3
4
5
6
7
8
2
PRBSpattern,
TheDJisMeasuredontheOutputofthe
LVCP404
7-1
0
5
10
15
20
25
30
35
0
1000
2000
3000
4000
5000
Noise=50mV
Noise=100mV
Noise=300mV
Noise=400mV
Noise=650mV
Noise=200mV
DR-DataRate-Gbps
0
5
10
15
20
25
0
0.5
1
1.5
2
2.5
3
V
-CommonModeInputVoltage-V
IC
4.25Gbps
SN65LVCP404
SLLS700 – MARCH 2007
DETERMINISTIC OUTPUT JITTER
DETERMINISTIC OUTPUT JITTER
DIFFERENTIAL OUTPUT VOLTAGE
vs
vs
vs
DATA RATE
DIFFERENTIAL INPUT AMPLITUDE
DATA RATE
Figure 12.
Figure 13.
Figure 14.
SUPPLY NOISE vs DETERMINISTIC
JITTER
DETERMINISTIC OUTPUT JITTER
vs
vs
DATA RATE
COMMON-MODE INPUT VOLTAGE
Figure 15.
Figure 16.
11
Submit Documentation Feedback


Similar Part No. - SN65LVCP404RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP404RGZR TI1-SN65LVCP404RGZR Datasheet
1Mb / 22P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP404RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP404 TI1-SN65LVCP404_14 Datasheet
1Mb / 23P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
SN65LVCP404 TI1-SN65LVCP404_15 Datasheet
1Mb / 22P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
SN65LVDS250 TI-SN65LVDS250_07 Datasheet
544Kb / 18P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125A TI1-SN65LVDT125A_14 Datasheet
824Kb / 21P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125DBT TI-SN65LVDT125DBT Datasheet
250Kb / 16P
[Old version datasheet]   LVDS 4X4 CROSSPOINT SWITCH
SN65LVDS250 TI-SN65LVDS250 Datasheet
355Kb / 16P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100_03 Datasheet
300Kb / 10P
   4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com