Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6255HRZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6255HRZ
Description  Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6255HRZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6255HRZ Datasheet HTML 1Page - Intersil Corporation ISL6255HRZ Datasheet HTML 2Page - Intersil Corporation ISL6255HRZ Datasheet HTML 3Page - Intersil Corporation ISL6255HRZ Datasheet HTML 4Page - Intersil Corporation ISL6255HRZ Datasheet HTML 5Page - Intersil Corporation ISL6255HRZ Datasheet HTML 6Page - Intersil Corporation ISL6255HRZ Datasheet HTML 7Page - Intersil Corporation ISL6255HRZ Datasheet HTML 8Page - Intersil Corporation ISL6255HRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
FN9203.2
May 23, 2006
ADAPTER CURRENT LIMIT THRESHOLD
CSIP to CSIN Full-Scale Current Sense
Voltage
ACLIM = VREF
97
100
103
mV
ACLIM = Float
72
75
78
mV
ACLIM = GND
47
50
53
mV
ACLIM Input Bias Current
ACLIM = VREF
10
16
20
µA
ACLIM = GND
-20
-16
-10
µA
VOLTAGE REGULATION ERROR AMPLIFIER
Error Amplifier Transconductance from
CSON to VCOMP
CELLS = VDD
30
µA/V
CURRENT REGULATION ERROR AMPLIFIER
Charging Current Error Amplifier
Transconductance
50
µA/V
Adapter Current Error Amplifier
Transconductance
50
µA/V
BATTERY CELL SELECTOR
CELLS Input Voltage for 4 Cell Select
4.3
V
CELLS Input Voltage for 3 Cell Select
2V
CELLS Input Voltage for 2 Cell Select
2.1
4.2
V
MOSFET DRIVER
BGATE Pull-Up Current
CSIP-BGATE = 3V
10
30
45
mA
BGATE Pull-Down Current
CSIP-BGATE = 5V
2.7
4.0
5.0
mA
CSIP-BGATE Voltage High
89.6
11
V
CSIP-BGATE Voltage Low
50
0
50
mV
DCIN-CSON Threshold for CSIP-BGATE
Going High
DCIN = 12V, CSON Rising
-100
0
100
mV
DCIN-CSON Threshold Hysteresis
250
300
400
mV
SGATE Pull-Up Current
CSIP-SGATE = 3V
7
12
15
mA
SGATE Pull-Down Current
CSIP-SGATE = 5V
50
160
370
µA
CSIP-SGATE Voltage High
89
11
V
CSIP-SGATE Voltage Low
-50
0
50
mV
CSIP-CSIN Threshold for CSIP-SGATE
Going High
2.5
8
13
mV
CSIP-CSIN Threshold Hysteresis
1.3
5
8
mV
LOGIC INTERFACE
EN Input Voltage Range
0VDD
V
EN Threshold Voltage
Rising
1.030
1.06
1.100
V
Falling
0.985
1.000
1.025
V
Hysteresis
30
60
90
mV
EN Input Bias Current
EN = 2.5V
1.8
2.0
2.2
µA
ACPRN Sink Current
ACPRN = 0.4V
3
8
11
mA
ACPRN Leakage Current
ACPRN = 5V
-0.5
0.5
µA
DCPRN Sink Current
DCPRN = 0.4V
3
8
11
mA
Electrical Specifications
DCIN = CSIP = CSIN = 18V, CSOP = CSON = 12V, ACSET = DCSET = 1.5V, ACLIM = VREF,
VADJ =Floating, EN =VDD =5V, BOOT-PHASE =5.0V, GND=PGND =0V, CVDD =1µF, IVDD =0mA,
TA = -10°C to +100°C, TJ 125°C, unless otherwise noted. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6255, ISL6255A


Similar Part No. - ISL6255HRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6255HRZ INTERSIL-ISL6255HRZ Datasheet
804Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6255HRZ INTERSIL-ISL6255HRZ Datasheet
654Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
logo
Renesas Technology Corp
ISL6255HRZ RENESAS-ISL6255HRZ Datasheet
1Mb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Intersil Corporation
ISL6255HRZ-T INTERSIL-ISL6255HRZ-T Datasheet
804Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
More results

Similar Description - ISL6255HRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6256 INTERSIL-ISL6256 Datasheet
838Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6256HRZ INTERSIL-ISL6256HRZ Datasheet
837Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
September 14, 2010
logo
Renesas Technology Corp
ISL6256 RENESAS-ISL6256 Datasheet
1Mb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Intersil Corporation
ISL6255HRZ INTERSIL-ISL6255HRZ Datasheet
654Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6255 INTERSIL-ISL6255 Datasheet
804Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Renesas Technology Corp
ISL6255 RENESAS-ISL6255 Datasheet
1Mb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6253 RENESAS-ISL6253 Datasheet
1,021Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
logo
Intersil Corporation
ISL6253 INTERSIL-ISL6253 Datasheet
549Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
ISL6252 INTERSIL-ISL6252 Datasheet
782Kb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6252 RENESAS-ISL6252 Datasheet
1Mb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com