Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6255 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6255
Description  Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6255 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6255_06 Datasheet HTML 1Page - Intersil Corporation ISL6255_06 Datasheet HTML 2Page - Intersil Corporation ISL6255_06 Datasheet HTML 3Page - Intersil Corporation ISL6255_06 Datasheet HTML 4Page - Intersil Corporation ISL6255_06 Datasheet HTML 5Page - Intersil Corporation ISL6255_06 Datasheet HTML 6Page - Intersil Corporation ISL6255_06 Datasheet HTML 7Page - Intersil Corporation ISL6255_06 Datasheet HTML 8Page - Intersil Corporation ISL6255_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
FN9203.2
May 23, 2006
DCSET Input Bias Current Hysteresis
2.2
3.4
4.4
µA
DCSET Input Bias Current
DCSET
≥ 1.26V
2.2
3.4
4.4
µA
DCSET Input Bias Current
DCSET < 1.26V
-1
0
1
µA
OSCILLATOR
Frequency
245
300
355
kHz
PWM Ramp Voltage (peak-peak)
CSIP = 18V
1.6
V
CSIP = 11V
1
V
SYNCHRONOUS BUCK REGULATOR
Maximum Duty Cycle
97
99
99.6
%
UGATE Pull-Up Resistance
BOOT-PHASE = 5V, 500mA source current
1.8
3.0
Ω
UGATE Source Current
BOOT-PHASE = 5V, BOOT-UGATE = 2.5V
1.0
A
UGATE Pull-down Resistance
BOOT-PHASE = 5V, 500mA sink current
1.0
1.8
Ω
UGATE Sink Current
BOOT-PHASE = 5V, UGATE-PHASE = 2.5V
1.8
A
LGATE Pull-Up Resistance
VDDP-PGND = 5V, 500mA source current
1.8
3.0
Ω
LGATE Source Current
VDDP-PGND = 5V, VDDP-LGATE = 2.5V
1.0
A
LGATE Pull-Down Resistance
VDDP-PGND = 5V, 500mA sink current
1.0
1.8
Ω
LGATE Sink Current
VDDP-PGND = 5V, LGATE = 2.5V
1.8
A
CHARGING CURRENT SENSING AMPLIFIER
Input Common-Mode Range
0
18
V
Input Offset Voltage
Guaranteed by design
-2.5
0
2.5
mV
Input Bias Current at CSOP
0 < CSOP < 18V
0.25
2
µA
Input Bias Current at CSON
0 < CSON < 18V
75
100
µA
CHLIM Input Voltage Range
0
3.6
V
CSOP to CSON Full-Scale Current Sense
Voltage
ISL6255: CHLIM = 3.3V
157
165
173
mV
ISL6255A: CHLIM = 3.3V
160
165
170
mV
ISL6255: CHLIM = 2.0V
95
100
105
mV
ISL6255A: CHLIM = 2.0V
97
100
103
mV
ISL6255: CHLIM = 0.2V
5.0
10
15.0
mV
ISL6255A: CHLIM = 0.2V
7.5
10
12.5
mV
CHLIM Input Bias Current
CHLIM = GND or 3.3V, DCIN = 0V
-1
1
µA
CHLIM Power-Down Mode Threshold
Voltage
CHLIM rising
80
88
95
mV
CHLIM Power-Down Mode Hysteresis
Voltage
15
25
40
mV
ADAPTER CURRENT SENSING AMPLIFIER
Input Common-Mode Range
7
25
V
Input Offset Voltage
Guaranteed by design
-2
2
mV
Input Bias Current at CSIP and CSIN
Combined
CSIP = CSIN = 25V
100
130
µA
Input Bias Current at CSIN
0 < CSIN < DCIN, Guaranteed by design
0.10
1
µA
Electrical Specifications
DCIN = CSIP = CSIN = 18V, CSOP = CSON = 12V, ACSET = DCSET = 1.5V, ACLIM = VREF,
VADJ =Floating, EN =VDD =5V, BOOT-PHASE =5.0V, GND=PGND =0V, CVDD =1µF, IVDD =0mA,
TA = -10°C to +100°C, TJ 125°C, unless otherwise noted. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6255, ISL6255A


Similar Part No. - ISL6255_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6255A INTERSIL-ISL6255A Datasheet
654Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6255AHAZ INTERSIL-ISL6255AHAZ Datasheet
804Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6255AHAZ INTERSIL-ISL6255AHAZ Datasheet
654Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
logo
Renesas Technology Corp
ISL6255AHAZ RENESAS-ISL6255AHAZ Datasheet
1Mb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Intersil Corporation
ISL6255AHAZ-T INTERSIL-ISL6255AHAZ-T Datasheet
804Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
More results

Similar Description - ISL6255_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6256 INTERSIL-ISL6256 Datasheet
838Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6256HRZ INTERSIL-ISL6256HRZ Datasheet
837Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
September 14, 2010
logo
Renesas Technology Corp
ISL6256 RENESAS-ISL6256 Datasheet
1Mb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Intersil Corporation
ISL6255HRZ INTERSIL-ISL6255HRZ Datasheet
654Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6255 INTERSIL-ISL6255 Datasheet
804Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Renesas Technology Corp
ISL6255 RENESAS-ISL6255 Datasheet
1Mb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6253 RENESAS-ISL6253 Datasheet
1,021Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
logo
Intersil Corporation
ISL6253 INTERSIL-ISL6253 Datasheet
549Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
ISL6252 INTERSIL-ISL6252 Datasheet
782Kb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6252 RENESAS-ISL6252 Datasheet
1Mb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com