Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA875IDRG4 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA875IDRG4
Description  Single 2:1 High-Speed Video Multiplexer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA875IDRG4 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA875IDRG4 Datasheet HTML 1Page - Burr-Brown (TI) OPA875IDRG4 Datasheet HTML 2Page - Burr-Brown (TI) OPA875IDRG4 Datasheet HTML 3Page - Burr-Brown (TI) OPA875IDRG4 Datasheet HTML 4Page - Burr-Brown (TI) OPA875IDRG4 Datasheet HTML 5Page - Burr-Brown (TI) OPA875IDRG4 Datasheet HTML 6Page - Burr-Brown (TI) OPA875IDRG4 Datasheet HTML 7Page - Burr-Brown (TI) OPA875IDRG4 Datasheet HTML 8Page - Burr-Brown (TI) OPA875IDRG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: V
S = ±5V
OPA875
SBOS340 – DECEMBER 2006
At G = +2, R
L = 150Ω, unless otherwise noted.
OPA875
MIN/MAX OVER
TYP
TEMPERATURE
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(2)
+70
°C(3)
+85
°C(3)
UNITS
MAX
LEVEL(1)
AC PERFORMANCE
See Figure 1
Small-Signal Bandwidth
VO = 200mVPP, RL = 150Ω
700
525
515
505
MHz
min
B
Large-Signal Bandwidth
VO = 4VPP, RL = 150Ω
425
390
380
370
MHz
min
B
Bandwidth for 0.1dB Gain Flatness
VO = 200mVPP
200
MHz
typ
C
Maximum Small-Signal Gain
VO = 200mVPP, RL = 150Ω, f = 5MHz
2.0
2.02
2.03
2.05
V/V
max
B
Minimum Small-Signal Gain
VO = 200mVPP, RL = 150Ω, f = 5MHz
2.0
1.98
1.97
1.95
V/V
min
B
SFDR
10MHz, VO = 2VPP, RL = 150Ω
–66
–64
–63
–62
dBc
max
B
Input Voltage Noise
f > 100kHz
6.7
7.0
7.2
7.4
nV/
√Hz
max
B
Input Current Noise
f > 100kHz
3.8
4.2
4.6
4.9
pA/
√Hz
max
B
NTSC Differential Gain
RL = 150Ω
0.025
%
typ
C
NTSC Differential Phase
RL = 150Ω
0.025
°
typ
C
Slew Rate
VO = ±2V
3100
2800
2700
2600
V/
µs
min
B
Rise Time and Fall Time
VO = 0.5V Step
460
ps
typ
C
VO = 1.4V Step
600
ps
typ
C
CHANNEL-TO-CHANNEL PERFORMANCE
Gain Match
RL = 150Ω
±0.05
±0.25
±0.3
±0.35
%
max
A
Output Offset Voltage Mismatch
±3
±9
±10
±12
mV
max
A
Crosstalk
f < 50MHz, RL = 150Ω
–65
dB
typ
C
CHANNEL AND CHIP-SELECT
PERFORMANCE
SEL (Channel Select) Switching Time
RL = 150Ω
4
ns
typ
C
EN (Chip Select) Switching Time
Turn On
9
ns
typ
C
Turn Off
60
ns
typ
C
SEL (Channel Select) Switching Glitch
Both Inputs to Ground, At Matched Load
40
mVPP
typ
C
EN (Chip-Select) Switching Glitch
Both Inputs to Ground, At Matched Load
30
mVPP
typ
C
Off Isolation
50MHz, Chip Disabled (EN = High)
–70
dB
typ
C
Maximum Logic 0
EN, A0, A1
0.8
0.8
0.8
V
max
A
Minimum Logic 1
EN, A0, A1
2.0
2.0
2.0
V
min
A
EN Logic Input Current
0V to 4.5V
25
35
45
50
µA
max
A
SEL Logic Input Current
0V to 4.5V
55
70
85
100
µA
max
A
DC PERFORMANCE
Output Offset Voltage
RIN = 0Ω, G = +2V/V
±2.5
±14
±15.8
±17
mV
max
A
Average Output Offset Voltage Drift
±50
±50
µV/°C
max
B
Input Bias Current
±5
±18
±19.5
±20.5
µA
max
A
Average Input Bias Current Drift
±40
±40
nA/
°C
max
B
Gain Error (from 2V/V)
VO = ±2V
0.4
1.4
1.5
1.6
%
max
A
INPUT
Input Voltage Range
±2.8
V
min
C
Input Resistance
1.75
M
typ
C
Input Capacitance
Channel Selected
0.9
pF
typ
C
Channel Deselected
0.9
pF
typ
C
Chip Disabled
0.9
pF
typ
C
(1)
Test levels: (A) 100% tested at +25
°C. Over temperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation. (C) Typical value only for information.
(2)
Junction temperature = ambient for +25
°C tested specifications.
(3)
Junction temperature = ambient at low temperature limit; junction temperature = ambient +14
°C at high temperature limit for over
temperature specifications.
3
Submit Documentation Feedback


Similar Part No. - OPA875IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA875IDRG4 TI-OPA875IDRG4 Datasheet
659Kb / 18P
[Old version datasheet]   Single 2:1 High-Speed Video Multiplexer
More results

Similar Description - OPA875IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
[Old version datasheet]   Single 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
   2:1 High Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
614Kb / 22P
   Triple 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6570 TI1-LMH6570 Datasheet
1Mb / 26P
[Old version datasheet]   LMH6570 2:1 High Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6572 TI1-LMH6572 Datasheet
1Mb / 20P
[Old version datasheet]   LMH6572 Triple 2:1 High Speed Video Multiplexer
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
   4:1 High Speed Video Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
logo
Fairchild Semiconductor
FHP3392 FAIRCHILD-FHP3392 Datasheet
462Kb / 7P
   Fixed-Gain, 짹5V, Triple 2:1, High-Speed Video Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com