Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA875IDGKRG4 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA875IDGKRG4
Description  Single 2:1 High-Speed Video Multiplexer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA875IDGKRG4 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button OPA875IDGKRG4 Datasheet HTML 6Page - Burr-Brown (TI) OPA875IDGKRG4 Datasheet HTML 7Page - Burr-Brown (TI) OPA875IDGKRG4 Datasheet HTML 8Page - Burr-Brown (TI) OPA875IDGKRG4 Datasheet HTML 9Page - Burr-Brown (TI) OPA875IDGKRG4 Datasheet HTML 10Page - Burr-Brown (TI) OPA875IDGKRG4 Datasheet HTML 11Page - Burr-Brown (TI) OPA875IDGKRG4 Datasheet HTML 12Page - Burr-Brown (TI) OPA875IDGKRG4 Datasheet HTML 13Page - Burr-Brown (TI) OPA875IDGKRG4 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.ti.com
4-INPUT RGB ROUTER
R
69W
O
OPA875
x1
x2
x1
R
1
R
2
EN
R
69W
O
x1
x2
x1
R
3
Chip
Select
Red
Out
R
4
EN
75W
x1
x2
x1
R
OUT
x1
x2
x1
G
OUT
x1
x2
x1
B
OUT
OPA875_A
OPA875_B
OPA875_C
Ch0
Ch1
Ch0
Ch1
Ch0
Ch1
R =Z ||(R+R +R )
O
F
G
O
1+
=2
R
F
R
G
(1)
R +R
=804
R =R
W
F
G
F
G
(2)
OPA875_A
Ch.1Driven,Adjacent
ChannelCrosstalk
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
1
10
100
1G
Frequency(MHz)
Input-Referred
OPA3875
AdjacentChannel
Crosstalk
OPA3875
AllHostile
Crosstalk
OPA875
AllHostile
Crosstalk
OPA875_C
Ch.0Driven
AdjacentChannelCrosstalk
R =
O
2
75
(n
1)+804
´
-
´
1+
[75
(n
1)+804]
´
-
2
241200
- 1
OPA875
SBOS340 – DECEMBER 2006
Two OPA875s can be used together to form a
four-input RGB router. The router for the red
component is shown in Figure 29.
Figure 29. 4-Input RGB Router
Figure 27. High Isolation RGB Video MUX
When connecting OPA875 outputs together, maintain
a gain of +1 at the load. The OPA875 operates at a
gain of +6dB; thus, matching resistance must be
selected to achieve –6dB attenuation.
The set of equations to solve are shown in
Equation 1 and Equation 2. Here, the impedance of
interest is ZO = 75Ω.
Solving for RO with n devices connected together, we
get Equation 3:
Figure 28. All-Hostile and Adjacent Channel
Crosstalk
The configuration of the three OPA875 devices used
is shown in Figure 27. Note that for the test, the
(3)
OPA875_B
was
measured
when
both
the
OPA875_A and OPA875_C were driven for all
hostile
crosstalk
and
only
the
OPA875_A
or
OPA875_C was driven for the adjacent channel
crosstalk.
10
Submit Documentation Feedback


Similar Part No. - OPA875IDGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA875IDGKRG4 TI-OPA875IDGKRG4 Datasheet
659Kb / 18P
[Old version datasheet]   Single 2:1 High-Speed Video Multiplexer
More results

Similar Description - OPA875IDGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
[Old version datasheet]   Single 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
   2:1 High Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
614Kb / 22P
   Triple 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6570 TI1-LMH6570 Datasheet
1Mb / 26P
[Old version datasheet]   LMH6570 2:1 High Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6572 TI1-LMH6572 Datasheet
1Mb / 20P
[Old version datasheet]   LMH6572 Triple 2:1 High Speed Video Multiplexer
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
   4:1 High Speed Video Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
logo
Fairchild Semiconductor
FHP3392 FAIRCHILD-FHP3392 Datasheet
462Kb / 7P
   Fixed-Gain, 짹5V, Triple 2:1, High-Speed Video Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com