Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSHDMI04BQX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSHDMI04BQX
Description  Wide-Bandwidth Differential Signaling HDMI Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSHDMI04BQX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSHDMI04BQX Datasheet HTML 1Page - Fairchild Semiconductor FSHDMI04BQX Datasheet HTML 2Page - Fairchild Semiconductor FSHDMI04BQX Datasheet HTML 3Page - Fairchild Semiconductor FSHDMI04BQX Datasheet HTML 4Page - Fairchild Semiconductor FSHDMI04BQX Datasheet HTML 5Page - Fairchild Semiconductor FSHDMI04BQX Datasheet HTML 6Page - Fairchild Semiconductor FSHDMI04BQX Datasheet HTML 7Page - Fairchild Semiconductor FSHDMI04BQX Datasheet HTML 8Page - Fairchild Semiconductor FSHDMI04BQX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
October 2006
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSHDMI04 Rev. 1.0.7
Click to see this datasheet
in Simplified Chinese!
FSHDMI04
Wide-Bandwidth Differential Signaling HDMI Switch
Features
• 1.65 Gbps throughput
• 8kV ESD protection
• -26dB non-adjacent channel crosstalk at 825MHz
• Isolation ground between channels
• Low skew
- Inter-pair skew <150ps
- Intra-pair skew <90ps
• Fast turn on/off time
• Low power consumption (1µA maximun)
• Control input: TTL compatible
Applications
• UXGA and 1080p DVI and HDMI video source
selection
General Description
The FSHDMI04 is a wide bandwidth switch for routing
HDMI Link Data and Clock signals. This device supports
data rates up to 1.65Gbps per channel for UXGA resolu-
tion. It can also be used to switch TMDS-based DVI digi-
tal video streams. Possible applications include LCD TV,
DVD, Set-Top Box, notebook computers and other
designs with multiple digital video interfaces. The
FSHDMI04 switch allows the passage of HDMI link sig-
nals with low non-adjacent channel crosstalk and supe-
rior OFF-Isolation. This performance is critical to
minimize ghost images between active video sources in
video applications. The wide bandwidth of this switch
allows the high speed differential signal to pass through
the switch with minimal additive skew and phase jitter.
Ordering Information
Applications Diagram
Order
Number
Package
Number
Package Description
FSHDMI04QSPX
MQA48A
48-Lead Quarter Size Very Small Outline Package (QVSOP), JEDEC MO-154,
0.150inches Wide
FSHDMI04MTDX
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm
Wide
FSHDMI04BQX
(Preliminary)
MLP56
56-Lead Molded Leadless Package (MLP), 5x7mm Wide
HDMI
Source 1
3 Data + 1 Clock
(Differential)
Audio
Processor
and
Amplifier
Audio
Switch
CD4052
HDTV
or
Monitor
Video
Audio
Alternate
Audio
Source
HDMI
Receiver
FSHDMI04
FSHDMI04 – 2:1 Differential Multiplexer
TMDS 0+
TMDS 0–
TMDS 1+
TMDS 1–
TMDS 2+
TMDS 2–
Clock +
Clock –
S
OE
HDMI
Source 2
Control
3 Data + 1 Clock
(Differential)


Similar Part No. - FSHDMI04BQX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSHDMI04 FAIRCHILD-FSHDMI04 Datasheet
305Kb / 9P
   Wide-bandwidth Differential Signaling HDMI Switch
FSHDMI04QSPX FAIRCHILD-FSHDMI04QSPX Datasheet
305Kb / 9P
   Wide-bandwidth Differential Signaling HDMI Switch
More results

Similar Description - FSHDMI04BQX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSHDMI04 FAIRCHILD-FSHDMI04 Datasheet
305Kb / 9P
   Wide-bandwidth Differential Signaling HDMI Switch
logo
STMicroelectronics
STHDMI002A STMICROELECTRONICS-STHDMI002A Datasheet
574Kb / 26P
   Wide bandwidth, 2 to 1 HDMI switch with single enable
logo
Fairchild Semiconductor
FSHDMI08 FAIRCHILD-FSHDMI08 Datasheet
369Kb / 2P
   Low-Voltage, Wide-Bandwidth, HDMI Switch with DDC and CEC Multiplexer
FSHDMI08_0708 FAIRCHILD-FSHDMI08_0708 Datasheet
368Kb / 2P
   Low-Voltage, Wide-Bandwidth, HDMI Switch with DDC and CEC Multiplexer
logo
ON Semiconductor
FSHDMI08 ONSEMI-FSHDMI08 Datasheet
611Kb / 13P
   Low-Voltage, Wide-Bandwidth, HDMI Switch with DDC and CEC Multiplexer
August 2009 Rev. 1.0.4
logo
Fairchild Semiconductor
FSAV332 FAIRCHILD-FSAV332 Datasheet
119Kb / 7P
   Wide Bandwidth Video Switch
logo
Pericom Semiconductor C...
PI3HDMI413 PERICOM-PI3HDMI413 Datasheet
1Mb / 8P
   4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI412-A PERICOM-PI3HDMI412-A Datasheet
440Kb / 11P
   4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI412-B PERICOM-PI3HDMI412-B Datasheet
596Kb / 9P
   4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI413-A PERICOM-PI3HDMI413-A Datasheet
781Kb / 11P
   4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com