Electronic Components Datasheet Search |
|
LOG114AIRGVTG4 Datasheet(PDF) 4 Page - Burr-Brown (TI) |
|
|
LOG114AIRGVTG4 Datasheet(HTML) 4 Page - Burr-Brown (TI) |
4 / 30 page LOG114 SBOS301A − MAY 2004 − REVISED MARCH 2007 www.ti.com 4 ELECTRICAL CHARACTERISTICS: VS = +5V (continued) Boldface limits apply over the specified temperature range, TA = −5°C to +75°C. All specifications at TA = +25°C, RVLOGOUT = 10kΩ, VCM = GND, unless otherwise noted. LOG114 PARAMETER UNITS MAX TYP MIN CONDITIONS TOTAL ERROR(4, 5) See Typical Characteristics FREQUENCY RESPONSE, Core Log(6) BW, 3dB I1 or I2 = IAC = 10% of IDC value, IREF = 1µA 1nA 5 kHz 10nA 12 kHz 100nA 120 kHz 1 µA 2.3 MHz 10 µA to 1mA (ratio 1:100) > 5 MHz 1mA to 3.5mA (ratio 1:3.5) > 5 MHz 3.5mA to 10mA (ratio 1:2.9) > 5 MHz Step Response IREF = 1µA Increasing (I1 or I2) 8nA to 240nA (ratio 1:30) 0.7 µs 10nA to 100nA (ratio 1:10) 1.5 µs 10nA to 1 µA (ratio 1:100) 0.15 µs 10nA to 10 µA (ratio 1:1k) 0.07 µs 10nA to 1mA (ratio 1:100k) 0.06 µs 1mA to 10mA (ratio 1:10) 1 µs Decreasing (I1 or I2) IREF = 1µA 8nA to 240nA (ratio 1:30) 1 µs 10nA to 100nA (ratio 1:10) 2 µs 10nA to 1 µA (ratio 1:100) 0.25 µs 10nA to 10 µA (ratio 1:1k) 0.05 µs 10nA to 1mA (ratio 1:100k) 0.03 µs 1mA to 10mA (ratio 1:10) 1 µs VOLTAGE REFERENCE Bandgap Voltage 2.5 V Error, Initial ±0.15 ±1 % vs Temperature ±25 ppm/ °C vs Supply VS = ±4.5V to ±5.5V ±30 ppm/V vs Load IO = ±2mA ±200 ppm/mA Short-Circuit Current ±10 mA POWER SUPPLY Dual Supply Operating Range VS ±2.4 ±5.5 V Quiescent Current IQ IO = 0 ±10 ±15 mA TEMPERATURE RANGE Specification, TMIN to TMAX −5 +75 °C Operating −40 +85 °C Storage −55 +125 °C Thermal Resistance, qJA 62 °C/W (1) Log conformity error is peak deviation from the best-fit straight line of VO vs Log (I1/I2) curve expressed as a percent of peak-to-peak full-scale output. Scale factor, K, equals 0.375V output per decade of input current. (2) Scale factor of core log function is trimmed to 0.375V output per decade change of input current. (3) Specified by design. (4) Worst-case total error for any ratio of I1/I2, as the largest of the two errors, when I, and I2 are considered separately. (5) Total error includes offset voltage, bias current, gain, and log conformity. (6) Small signal bandwidth (3dB) and transient response are a function of the level of input current. Smaller input current amplitude results in lower bandwidth. |
Similar Part No. - LOG114AIRGVTG4 |
|
Similar Description - LOG114AIRGVTG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |