Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSDL321L Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FSDL321L
Description  Green Mode Fairchild Power Switch (FPSTM)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSDL321L Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FSDL321L Datasheet HTML 7Page - Fairchild Semiconductor FSDL321L Datasheet HTML 8Page - Fairchild Semiconductor FSDL321L Datasheet HTML 9Page - Fairchild Semiconductor FSDL321L Datasheet HTML 10Page - Fairchild Semiconductor FSDL321L Datasheet HTML 11Page - Fairchild Semiconductor FSDL321L Datasheet HTML 12Page - Fairchild Semiconductor FSDL321L Datasheet HTML 13Page - Fairchild Semiconductor FSDL321L Datasheet HTML 14Page - Fairchild Semiconductor FSDL321L Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
FSDH0265RN, FSDM0265RN
11
5. Soft Start : The FPS has an internal soft start circuit that
slowly increases the feedback voltage together with the
Sense FET current after it starts up. The typical soft start
time is 15msec, as shown in Figure 8, where progressive
increments of the Sense FET current are allowed during the
start-up phase. The pulse width to the power switching
device is progressively increased to establish the correct
working conditions for transformers, inductors, and capaci-
tors. The voltage on the output capacitors is progressively
increased with the intention of smoothly establishing the
required output voltage. It also helps to prevent transformer
saturation and reduce the stress on the secondary diode.
Figure 8. Soft Start Function
6. Burst Operation : In order to minimize power dissipation
in standby mode, the FPS enters burst mode operation. As
the load decreases, the feedback voltage decreases. As
shown in Figure 9, the device automatically enters burst
mode
when
the
feedback
voltage
drops
below
VBURH(500mV). Switching still continues but the current
limit is set to a fixed limit internally to minimize flux density
in the transformer. The fixed current limit is larger than that
defined by VFB = VBURH and therefore, VFB is driven
down further. Switching continues until the feedback voltage
drops below VBURL(350mV). At this point switching stops
and the output voltages start to drop at a rate dependent on
the standby current load. This causes the feedback voltage to
rise. Once it passes VBURH(500mV), switching resumes.
The feedback voltage then falls and the process repeats.
Burst mode operation alternately enables and disables
switching of the power Sense FET thereby reducing switch-
ing loss in Standby mode.
Figure 9. Burst Operation Function
7. Frequency Modulation : Modulating the switching fre-
quency of a switched power supply can reduce EMI. Fre-
quency modulation can reduce EMI by spreading the energy
over a wider frequency range than the bandwidth measured
by the EMI test equipment. The amount of EMI reduction is
directly related to the depth of the reference frequency. As
can be seen in Figure 10, the frequency changes from 65KHz
to 69KHz in 4ms for the FSDM0265RN (97KHz to 103KHz
for FSDH0265RN). Frequency modulation allows the use of
a cost effective inductor instead of an AC input mode choke
to satisfy the requirements of world wide EMI limits.
Figure 10. Frequency Modulation Waveform
1ms
15steps
Current limit
0.68A
1.5A
t
Drain current
V
BURH
Switching
OFF
Current
Waveform
Burst
Operation
Normal
Operation
V
FB
V
BURL
Switching
OFF
Burst
Operation
3
Vcc
Vcc
I
DELAY
I
FB
R
2.5R
Vfb
VBURL/VBURH
PWM
+
-
VBURH
Vcc
I
BUR(pk)
Burst
Normal
MOSFET
Current
t
s
f
s=1/ts
67kHz
69kHz
65kHz
4ms
t
Drain
Current


Similar Part No. - FSDL321L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDL321L FAIRCHILD-FSDL321L Datasheet
914Kb / 20P
   Green Mode Fairchild Power Switch (FPS TM)
FSDL321L FAIRCHILD-FSDL321L Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL321L FAIRCHILD-FSDL321L Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
More results

Similar Description - FSDL321L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM101 FAIRCHILD-FSDM101 Datasheet
542Kb / 14P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL0365RN FAIRCHILD-FSDL0365RN_05 Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0565RBWDTU FAIRCHILD-FSDM0565RBWDTU Datasheet
267Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0565RB FAIRCHILD-FSDM0565RB_06 Datasheet
470Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM311 FAIRCHILD-FSDM311 Datasheet
721Kb / 16P
   Green Mode Fairchild Power Switch (FPSTM)
FSDH0170RNB FAIRCHILD-FSDH0170RNB Datasheet
598Kb / 19P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL0165RN FAIRCHILD-FSDL0165RN Datasheet
479Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0365RN FAIRCHILD-FSDM0365RN Datasheet
935Kb / 22P
   Green Mode Fairchild Power Switch (FPSTM)
FSD210 FAIRCHILD-FSD210 Datasheet
391Kb / 18P
   Green Mode Fairchild Power Switch (FPSTM)
FSES0765RG FAIRCHILD-FSES0765RG Datasheet
249Kb / 18P
   Green Mode Fairchild Power Switch (FPS) for Green Mode Fairchild Power Switch (FPSTM) for
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com