Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I270A Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # I270A
Description  Voltage Output, Unidirectional Measurement Current-Shunt Monitor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

I270A Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button I270A Datasheet HTML 5Page - Burr-Brown (TI) I270A Datasheet HTML 6Page - Burr-Brown (TI) I270A Datasheet HTML 7Page - Burr-Brown (TI) I270A Datasheet HTML 8Page - Burr-Brown (TI) I270A Datasheet HTML 9Page - Burr-Brown (TI) I270A Datasheet HTML 10Page - Burr-Brown (TI) I270A Datasheet HTML 11Page - Burr-Brown (TI) I270A Datasheet HTML 12Page - Burr-Brown (TI) I270A Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.ti.com
TRANSIENT PROTECTION
OUTPUT VOLTAGE RANGE
a)Single-PoleFilter
b)Second-Order,Sallen-KeyFilter
A1
A2
Single-PoleFilter
Capacitor
+2.7Vto+18V
5kW
5kW
96kW
R
L
PREOUT
BUFIN
GND
Output
IN-
IN+
V+
Load
Supply
R
S
INA270
A1
A2
Second-Order,Sallen-KeyFilterConnection
+2.7Vto+18V
C
FILT
C
FILT
5kW
5kW
96kW
R
L
PREOUT
BUFIN
GND
Output
IN-
IN+
V+
Load
Supply
R
S
R
S
INA270
INA270
INA271
SBOS381A – FEBRUARY 2007 – REVISED APRIL 2007
Despite
the
use
of
internal
zener-type
ESD
protection, the INA270 and INA271 are not suited to
The –16V to +80V common-mode range of the
using external resistors in series with the inputs since
INA270
and
INA271
is
ideal
for
withstanding
the internal gain resistors can vary up to
±30%, but
automotive fault conditions ranging from 12V battery
are tightly matched (if gain accuracy is not important,
reversal up to +80V transients, since no additional
then resistors can be added in series with the
protective components are needed up to those
INA270 and INA271 inputs with two equal resistors
levels. In the event that the INA270 and INA271 are
on each input).
exposed to transients on the inputs in excess of their
ratings,
external
transient
absorption
with
semiconductor
transient
absorbers
(zeners
or
Transzorbs) will be necessary.
The output of the INA270 and INA271 is accurate
within the output voltage swing range set by the
Use of MOVs or VDRs is not recommended except
power-supply pin, V+.
when they are used in addition to a semiconductor
transient absorber. Select the transient absorber
The INA270 and INA271 readily enable the inclusion
such that it will never allow the INA270 and INA271
of filtering between the preamp output and buffer
to be exposed to transients greater than 80V (that is,
input. Single-pole filtering can be accomplished with
allow for transient absorber tolerance, as well as
a single capacitor because of the 96k
Ω output
additional voltage because of transient absorber
impedance at PRE OUT on pin 3, as shown in
dynamic impedance).
Figure 16a.
The INA270 and INA271 readily lend themselves to
second-order Sallen-Key configurations, as shown in
Figure 16b. When designing these configurations
consider that the PRE OUT 96k
Ω output impedance
exhibits an initial variation of
±30% with the addition
of a –2200ppm/
°C temperature coefficient.
Figure 16. The INA270–INA271 can be easily connected for first- or second-order filtering. Remember to
use the appropriate buffer gain (INA270 = 1.4, INA271 = 2) when designing Sallen-Key configurations.
9
Submit Documentation Feedback


Similar Part No. - I270A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
I2779A-08SR ALSC-I2779A-08SR Datasheet
197Kb / 8P
   Low-Cost Notebook EMI Reduction IC
I2779A-08SRF ALSC-I2779A-08SRF Datasheet
197Kb / 8P
   Low-Cost Notebook EMI Reduction IC
I2779A-08ST ALSC-I2779A-08ST Datasheet
197Kb / 8P
   Low-Cost Notebook EMI Reduction IC
I2779A-08STF ALSC-I2779A-08STF Datasheet
197Kb / 8P
   Low-Cost Notebook EMI Reduction IC
I2779A-08TR ALSC-I2779A-08TR Datasheet
197Kb / 8P
   Low-Cost Notebook EMI Reduction IC
More results

Similar Description - I270A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
[Old version datasheet]   VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Texas Instruments
INA270 TI-INA270_15 Datasheet
746Kb / 26P
[Old version datasheet]   INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
INA270A-Q1 TI1-INA270A-Q1 Datasheet
380Kb / 16P
[Old version datasheet]   VOLTAGE-OUTPUT UNIDIRECTIONAL-MEASUREMENT CURRENT-SHUNT MONITORS
logo
Burr-Brown (TI)
INA203 BURR-BROWN-INA203 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
logo
Texas Instruments
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA206 TI1-INA206 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203 TI1-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com