Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA3832IPWG4 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA3832IPWG4
Description  Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA3832IPWG4 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA3832IPWG4 Datasheet HTML 1Page - Burr-Brown (TI) OPA3832IPWG4 Datasheet HTML 2Page - Burr-Brown (TI) OPA3832IPWG4 Datasheet HTML 3Page - Burr-Brown (TI) OPA3832IPWG4 Datasheet HTML 4Page - Burr-Brown (TI) OPA3832IPWG4 Datasheet HTML 5Page - Burr-Brown (TI) OPA3832IPWG4 Datasheet HTML 6Page - Burr-Brown (TI) OPA3832IPWG4 Datasheet HTML 7Page - Burr-Brown (TI) OPA3832IPWG4 Datasheet HTML 8Page - Burr-Brown (TI) OPA3832IPWG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
PIN ASSIGNMENT
1
2
3
4
5
6
7
14
13
12
11
10
9
8
DISA
DISB
DISC
+V
S
+InputA
-
InputA
OutputA
OutputB
-
InputB
+InputB
-
V
S
+InputC
-
InputC
OutputC
A
C
400W
400W
400W
400W
B
400W
400W
OPA3832
SBOS370 – DECEMBER 2006
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
OPA3832ID
Rails, 50
OPA3832
SO-14(2)
D
–40°C to +85°C
OPA3832
OPA3832IDR
Tape and Reel, 2500
OPA3832IPW
Rails, 90
OPA3832
TSSOP-14
PW
–40°C to +85°C
OPA3832
OPA3832IPWR
Tape and Reel, 2000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Available Q1 '07.
Power Supply
12VDC
Internal Power Dissipation
See Thermal
Characteristics
Differential Input Voltage(2)
±1.2V
Input Voltage Range
–0.5V to ±VS + 0.3V
Storage Voltage Range: D, PW
–40°C to +125°C
Lead Temperature (soldering, 10s)
+300°C
Maximum Junction Temperature (TJ)
+150°C
Maximum Junction Temperature: Continuous Operation, Long Term Reliability
+140
°C
ESD Rating:
Human Body Model (HBM)
2000V
Charge Device Model (CDM)
1000V
Machine Model (MM)
200V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
Noninverting input to internal inverting mode.
D, PW PACKAGES
SO-14, TSSOP-14
(TOP VIEW)
2
Submit Documentation Feedback


Similar Part No. - OPA3832IPWG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3832 BURR-BROWN-OPA3832 Datasheet
460Kb / 31P
   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Texas Instruments
OPA3832 TI-OPA3832 Datasheet
1Mb / 45P
[Old version datasheet]   Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
More results

Similar Description - OPA3832IPWG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA2832 NSC-OPA2832 Datasheet
949Kb / 37P
   Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Texas Instruments
OPA2832 TI1-OPA2832 Datasheet
952Kb / 37P
[Old version datasheet]   Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
STMicroelectronics
TSH93 STMICROELECTRONICS-TSH93 Datasheet
351Kb / 8P
   HIGH SPEED LOW POWER TRIPLE OPERATIONAL AMPLIFIER
TSH93 STMICROELECTRONICS-TSH93_07 Datasheet
273Kb / 13P
   High-speed low power triple operational amplifier
logo
Fairchild Semiconductor
RC6704 FAIRCHILD-RC6704 Datasheet
73Kb / 8P
   Triple Fixed Gain Video Amplifier
logo
Elantec Semiconductor
EL5396C ELANTEC-EL5396C Datasheet
297Kb / 13P
   Triple 400MHz Fixed Gain Amplifier
EL5397C ELANTEC-EL5397C Datasheet
295Kb / 14P
   Triple 200MHz Fixed Gain Amplifier
logo
Linear Technology
LT1195 LINER-LT1195_15 Datasheet
344Kb / 12P
   Low Power, High Speed Operational Amplifier
LT1195 LINER-LT1195 Datasheet
396Kb / 12P
   Low Power, High Speed Operational Amplifier
LT1195 LINER-LT1195_02 Datasheet
334Kb / 12P
   Low Power, High Speed Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com