Part Name
         Description
INA270_07

 Voltage Output, Unidirectional Measurement Current-Shunt Monitor ( 17 Page)


BURR-BROWN
100% 
Zoom Out Zoom In
 
 3 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
SBOS381A – FEBRUARY 2007 – REVISED APRIL 2007
Boldface limits apply over the specified temperature range: T
A = –40°C to +125°C.
At T
A = +25°C, VS = +5V, VCM = +12V, VSENSE = 100mV, and PRE OUT connected to BUF IN, unless otherwise noted.
INA270, INA271
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
Full-Scale Input Voltage
VSENSE
VSENSE = (VIN+) + (VIN–)
0.15
(VS – 0.2)/Gain
V
Common-Mode Input Range
VCM
–16
+80
V
Common-Mode Rejection Ratio
CMRR
VIN+ = –16V to +80V
80
120
dB
Over Temperature
VIN+ = +12V to +80V
100
120
dB
Offset Voltage, RTI(1)
VOS
±0.5
2.5
mV
Over Temperature
±3
mV
vs Temperature
dVOS/dT
2.5
20
µV/°C
vs Power-Supply
PSR
VS = +2.7V to +18V, VCM = +18V
5
100
µV/V
Input Bias Current, VIN– Pin
IB
±8
±16
µA
PRE OUT Output Impedance(2)
96
k
Buffer Input Bias Current
–50
nA
Buffer Input Bias Current Temperature
±0.03
nA/
°C
Coefficient
OUTPUT (VSENSE ≥ 20mV)(3)
Gain: INA270 Total Gain
G
14
V/V
Gain: INA271 Total Gain
G
20
V/V
Output Buffer Gain
GBUF
2
V/V
Total Gain Error
VSENSE = 20mV to 100mV
±0.2
±1
%
Over Temperature
±2
%
vs Temperature
50
ppm/
°C
Total Output Error(4)
VSENSE = 20mV to 100mV
±0.75
±2.2
%
Total Output Error
±1.0
±3.0
%
Nonlinearity Error
VSENSE = 20mV to 100mV
±0.002
%
Output Impedance, Pin 5
RO
1.5
Maximum Capacitive Load
No Sustained Oscillation
10
nF
VOLTAGE OUTPUT(5)
RL = 10kΩ to GND
Swing to V+ Power-Supply Rail
(V+) – 0.05
(V+) – 0.2
V
Swing to GND(6)
VGND + 0.003
VGND + 0.05
V
FREQUENCY RESPONSE
Bandwidth
BW
CLOAD = 5pF
130
kHz
Phase Margin
CLOAD < 10nF
40
degrees
Slew Rate
SR
1
V/
µs
Settling Time (1%)
tS
VSENSE = 10mV to 100mVPP,
2
µs
CLOAD = 5pF
(1)
RTI means Referred-to-Input.
(2)
Initial resistor variation is
±30% with an additional –2200ppm/°C temperature coefficient.
(3)
For output behavior when VSENSE < 20mV, see the Application Information section Accuracy Variations as A Result of VSENSE and
Common-Mode Voltage.
(4)
Total output error includes effects of gain error and VOS.
(5)
See typical characteristic curve Output Swing vs Output Current and Application Information section Accuracy Variations as A Result of
VSENSE and Common-Mode Voltage.
(6)
Ensured by design; not production tested.
3



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
INA270Voltage Output Unidirectional Measurement Current-Shunt Monitor 1 2 3 4 5 MoreBurr-Brown Corporation
INA203Unidirectional Measurement Current-Shunt Monitor with Dual Comparators 1 2 3 4 5 MoreBurr-Brown Corporation
INA200_07High-Side Measurement Current-Shunt Monitor with Comparator and Reference 1 2 3 4 5 MoreBurr-Brown Corporation
HIP6004A_02Buck and Synchronous-Rectifier PWM Controller and Output Voltage Monitor 1 2 3 4 5 MoreIntersil Corporation
HIP6004B_03Buck and Synchronous-Rectifier PWM Controller and Output Voltage Monitor 1 2 3 4 5 MoreIntersil Corporation
HIP6004D_05Buck and Synchronous-Rectifier PWM Controller and Output Voltage Monitor 1 2 3 4 5 MoreIntersil Corporation
HIP6004EBuck and Synchronous-Rectifier PWM Controller and Output Voltage Monitor 1 2 3 4 5 MoreIntersil Corporation
X40430_06Triple Voltage Monitor with Integrated CPU Supervisor 1 2 3 4 5 MoreIntersil Corporation
H11G1XHIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR 1 2 3 ISOCOM COMPONENTS
DS15BA1011.5 Gbps Differential Buffer with Adjustable Output Voltage Coming SoonNational Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl