Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA203 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA203
Description  Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA203 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  INA203 Datasheet HTML 1Page - Burr-Brown (TI) INA203 Datasheet HTML 2Page - Burr-Brown (TI) INA203 Datasheet HTML 3Page - Burr-Brown (TI) INA203 Datasheet HTML 4Page - Burr-Brown (TI) INA203 Datasheet HTML 5Page - Burr-Brown (TI) INA203 Datasheet HTML 6Page - Burr-Brown (TI) INA203 Datasheet HTML 7Page - Burr-Brown (TI) INA203 Datasheet HTML 8Page - Burr-Brown (TI) INA203 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
BurrBrown Products
from Texas Instruments
INA203
INA203
INA203
FEATURES
DESCRIPTION
APPLICATIONS
1
2
3
4
5
10
9
8
7
6
V
IN+
V
IN
-
CMP1OUT
CMP2OUT
CMP1 RESET
V
S
OUT
CMP1IN+
CMP2IN+
GND
INA203 INA205
-
MSOP-10
0.6VREF
1
2
3
4
5
6
7
14
13
12
11
10
9
8
V
IN+
V
IN
-
1.2VREFOUT
CMP1OUT
CMP2OUT
CMP2DELAY
CMP1 RESET
V
S
OUT
CMP1IN /0.6VREF
-
CMP1IN+
CMP2IN+
CMP2IN /0.6VREF
-
GND
INA203 INA205
-
SO-14,TSSOP-14
1.2VREF
INA203
INA204
INA205
SBOS393 – MARCH 2007
Unidirectional Measurement
Current-Shunt Monitor with Dual Comparators
• COMPLETE CURRENT SENSE SOLUTION
The INA203, INA204, and INA205 are a family of
unidirectional, current-shunt monitors with voltage
• DUAL COMPARATORS:
output, dual comparators, and voltage reference. The
Comparator 1 with Latch
INA203, INA204, and INA205 can sense drops
Comparator 2 with Optional Delay
across shunts at common-mode voltages from –16V
• COMMON-MODE RANGE: –16V to +80V
to +80V. The INA203, INA204, and INA205 are
available with three output voltage scales: 20V/V,
• HIGH ACCURACY: 3.5% (max) Over
50V/V, and 100V/V, with up to 500kHz bandwidth.
Temperature
The INA203, INA204, and INA205 also incorporate
• BANDWIDTH: 500kHz
two
open-drain
comparators
with
internal
0.6V
• QUIESCENT CURRENT: 1.8mA
references. On 14-pin versions, the comparator
• PACKAGES: SO-14, TSSOP-14, MSOP-10
references can be overridden by external inputs.
Comparator 1 includes a latching capability, and
Comparator 2 has a user-programmable delay.
14-pin versions also provide a 1.2V reference output.
• NOTEBOOK COMPUTERS
• CELL PHONES
The INA203, INA204, and INA205 operate from a
single +2.7V to +18V supply. They are specified over
• TELECOM EQUIPMENT
the extended operating temperature range of –40
°C
• AUTOMOTIVE
to +125
°C.
• POWER MANAGEMENT
• BATTERY CHARGERS
• WELDING EQUIPMENT
DEVICE
GAIN
INA203
20V/V
INA204
50V/V
INA205
100V/V
RELATED PRODUCTS
FEATURES
PRODUCT
Variant of INA203–INA205 Comparator 2 polarity
INA206–INA208
Current-shunt monitor with single Comparator
INA200–INA202
and VREF
Current-shunt monitor only
INA193–INA198
Current-shunt monitor with split stages for filter
INA270–INA271
options
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - INA203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203-Q1 TI1-INA203-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   Low- or High-Side, High-Speed, Voltage Output Current Shunt Monitor
INA203AID TI1-INA203AID Datasheet
1Mb / 37P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203AIDGSR TI1-INA203AIDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
More results

Similar Description - INA203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA206 TI1-INA206 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203 TI1-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA206 TI-INA206_15 Datasheet
1Mb / 39P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203 TI-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
INA206 TI-INA206 Datasheet
433Kb / 23P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Dual Comparators
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
[Old version datasheet]   VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com