Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8507IBDWR Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS8507IBDWR
Description  16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8507IBDWR Datasheet(HTML) 4 Page - Burr-Brown (TI)

  ADS8507IBDWR Datasheet HTML 1Page - Burr-Brown (TI) ADS8507IBDWR Datasheet HTML 2Page - Burr-Brown (TI) ADS8507IBDWR Datasheet HTML 3Page - Burr-Brown (TI) ADS8507IBDWR Datasheet HTML 4Page - Burr-Brown (TI) ADS8507IBDWR Datasheet HTML 5Page - Burr-Brown (TI) ADS8507IBDWR Datasheet HTML 6Page - Burr-Brown (TI) ADS8507IBDWR Datasheet HTML 7Page - Burr-Brown (TI) ADS8507IBDWR Datasheet HTML 8Page - Burr-Brown (TI) ADS8507IBDWR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
www.ti.com
DEVICE INFORMATION
VDIG
VANA
BUSY
CS
R/C
BYTE
TAG
SDATA
DATACLK
D0
D1
D2
R1IN
AGND1
CAP
REF
AGND2
D7
D6
D5
D4
D3
DGND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS8507
R2IN
SB/BTC
EXT/INT
REFD
PWRD
ADS8507
SLAS381 – DECEMBER 2006
ELECTRICAL CHARACTERISTICS (continued)
At T
A = -40°C to 85°C, fS = 40 kHz, VDIG = VANA = 5 V, and using internal reference and fixed resistors, (see Figure 43)
unless otherwise specified.
ADS8507I
ADS8507IB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
IIH
High-level input current
VIH = 5 V
±10
±10
µA
DIGITAL OUTPUTS
Data format - Parallel 16-bits in 2-bytes
Data coding - Serial binary 2s
complement or straight binary
VOL
Low-level output voltage
ISINK = 1.6 mA
0.4
0.4
V
VOH
High-level output voltage
ISOURCE = 500 µA
4
4
V
High-Z state,
Leakage Current
±5
±5
µA
VOUT = 0 V to VDIG
Output capacitance
High-Z state
15
15
pF
DIGITAL TIMING
Bus access time
RL = 3.3 kΩ, CL = 50 pF
83
83
ns
Bus relinquish time
RL = 3.3 kΩ, CL = 10 pF
83
83
ns
POWER SUPPLIES
VDIG
Digital voltage
Must be
≤ V
ANA
4.75
5
5.25
4.75
5
5.25
V
VANA
Analog voltage
4.75
5
5.25
4.75
5
5.25
V
IDIG
Digital current
0.6
0.6
mA
IANA
Analog current
4.2
4.2
mA
VANA = VDIG = 5 V,
24
30
24
30
mW
fS = 40 kHz
Power dissipation
REFD High
20
20
mW
PWRD and REFD High
50
50
µW
TEMPERATURE RANGE
Specified performance
-40
85
-40
85
°C
Derated performance
-55
125
-55
125
°C
Storage temperature
-65
150
-65
150
°C
SO
Thermal resistance (
Θ
JA)
46
46
°C/W
4
Submit Documentation Feedback


Similar Part No. - ADS8507IBDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8507IBDWR TI-ADS8507IBDWR Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8507IBDWRG4 TI-ADS8507IBDWRG4 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
More results

Similar Description - ADS8507IBDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com