Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA693 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA693
Description  Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA693 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button OPA693 Datasheet HTML 3Page - Burr-Brown (TI) OPA693 Datasheet HTML 4Page - Burr-Brown (TI) OPA693 Datasheet HTML 5Page - Burr-Brown (TI) OPA693 Datasheet HTML 6Page - Burr-Brown (TI) OPA693 Datasheet HTML 7Page - Burr-Brown (TI) OPA693 Datasheet HTML 8Page - Burr-Brown (TI) OPA693 Datasheet HTML 9Page - Burr-Brown (TI) OPA693 Datasheet HTML 10Page - Burr-Brown (TI) OPA693 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
www.ti.com
TYPICAL CHARACTERISTICS:
±5V
3
2
1
0
-1
-2
-3
-4
-5
-6
Frequency(Hz)
10M
1G
100M
G=+1V/V
G=+2V/V
G= 1V/V
-
8
7
6
5
4
3
2
1
0
-1
Frequency(MHz)
0
800
100
200
300
400
500
600
700
V =2V
O
PP
V =1V
O
PP
V =7V
O
PP
V =4V
O
PP
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
Frequency(MHz)
0
500
100
200
300
400
R =100W
L
R =75W
L
R =200W
L
R =150W
L
1.00
0.75
0.50
0.25
0
-0.25
-0.50
-0.75
-1.00
0
100
50
150
200
Frequency(MHz)
G=+1
G= 1
-
G=+2
R
L =100W
3
2
1
0
-1
-2
-3
Time(20ns/div)
LargeSignal
SmallSignal
3
2
1
0
-1
-2
-3
Time(20ns/div)
LargeSignal
SmallSignal
OPA3693
SBOS353 – DECEMBER 2006
At G = +2 (–IN grounded) and R
L = 100Ω, unless otherwise noted.
NONINVERTING SMALL-SIGNAL
NONINVERTING LARGE-SIGNAL
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 1.
Figure 2.
FREQUENCY RESPONSE FLATNESS vs LOAD
DEVIATION FROM LINEAR PHASE
Figure 3.
Figure 4.
GAIN OF +2 PULSE RESPONSE
GAIN OF +1 PULSE RESPONSE
Figure 5.
Figure 6.
7
Submit Documentation Feedback


Similar Part No. - OPA693

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
OPA693 BURR-BROWN-OPA693 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA693 BURR-BROWN-OPA693 Datasheet
688Kb / 21P
   Single 2:1 High-Speed Video Multiplexer
logo
Texas Instruments
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
logo
Burr-Brown (TI)
OPA693ID BURR-BROWN-OPA693ID Datasheet
522Kb / 25P
   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
More results

Similar Description - OPA693

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3693 BURR-BROWN-OPA3693 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
logo
Texas Instruments
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3682 BURR-BROWN-OPA3682 Datasheet
234Kb / 19P
   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
logo
Burr-Brown (TI)
OPA2682 BURR-BROWN-OPA2682 Datasheet
182Kb / 19P
   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com