Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA3875IDBQ Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA3875IDBQ
Description  Triple 2:1 High-Speed Video Multiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA3875IDBQ Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button OPA3875IDBQ Datasheet HTML 3Page - Burr-Brown (TI) OPA3875IDBQ Datasheet HTML 4Page - Burr-Brown (TI) OPA3875IDBQ Datasheet HTML 5Page - Burr-Brown (TI) OPA3875IDBQ Datasheet HTML 6Page - Burr-Brown (TI) OPA3875IDBQ Datasheet HTML 7Page - Burr-Brown (TI) OPA3875IDBQ Datasheet HTML 8Page - Burr-Brown (TI) OPA3875IDBQ Datasheet HTML 9Page - Burr-Brown (TI) OPA3875IDBQ Datasheet HTML 10Page - Burr-Brown (TI) OPA3875IDBQ Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.ti.com
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-0.5
Time(5ns/div)
OutputVoltage
V
SEL
R
L =150W
V
Ch1=400MHz,1V
IN_
PP
V
Ch0=0V
IN_
DC
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-0.5
Time(5ns/div)
OutputVoltage
V
SEL
V
IN_
DC
Ch0=+0.5V
V
Ch1= 0.5V
-
IN_
DC
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-0.5
Time(20ns/div)
OutputVoltage
V
EN
V
Ch1=0V
IN_
V
IN_Ch0=200MHz,1VPP
6
4
2
0
-2
Time(10ns/div)
AtMatchedLoad
(0Vinputbothchannels)
V
SEL
40
30
20
10
0
-10
-20
6
4
2
0
-2
Time(100ns/div)
AtMatchedLoad
V
EN
20
15
10
5
0
-5
-10
-20
-30
-40
-50
-60
-70
-80
-90
Frequency(Hz)
1M
10M
100M
1G
Input-Referred
B0Selected
B1Driven
R1Selected
R0Driven
OPA3875
SBOS341B – DECEMBER 2006 – REVISED DECEMBER 2006
TYPICAL CHARACTERISTICS: V
S = ±5V (continued)
At G = +2 and R
L = 150Ω, unless otherwise noted.
CHANNEL SWITCHING
CHANNEL-TO-CHANNEL SWITCHING TIME
Figure 13.
Figure 14.
CHANNEL SWITCHING GLITCH
DISABLE/ENABLE TIME
Figure 15.
Figure 16.
DISABLE/ENABLE SWITCHING GLITCH
CHANNEL-TO-CHANNEL CROSSTALK
Figure 17.
Figure 18.
7
Submit Documentation Feedback


Similar Part No. - OPA3875IDBQ

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
688Kb / 21P
   Single 2:1 High-Speed Video Multiplexer
More results

Similar Description - OPA3875IDBQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6572 TI1-LMH6572 Datasheet
1Mb / 20P
[Old version datasheet]   LMH6572 Triple 2:1 High Speed Video Multiplexer
logo
Fairchild Semiconductor
FHP3392 FAIRCHILD-FHP3392 Datasheet
462Kb / 7P
   Fixed-Gain, 짹5V, Triple 2:1, High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
   2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6570 TI1-LMH6570 Datasheet
1Mb / 26P
[Old version datasheet]   LMH6570 2:1 High Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
   Single 2:1 High-Speed Video Multiplexer
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
[Old version datasheet]   Single 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
   4:1 High Speed Video Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com