Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA3875IDBQ Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA3875IDBQ
Description  Triple 2:1 High-Speed Video Multiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA3875IDBQ Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button OPA3875IDBQ Datasheet HTML 2Page - Burr-Brown (TI) OPA3875IDBQ Datasheet HTML 3Page - Burr-Brown (TI) OPA3875IDBQ Datasheet HTML 4Page - Burr-Brown (TI) OPA3875IDBQ Datasheet HTML 5Page - Burr-Brown (TI) OPA3875IDBQ Datasheet HTML 6Page - Burr-Brown (TI) OPA3875IDBQ Datasheet HTML 7Page - Burr-Brown (TI) OPA3875IDBQ Datasheet HTML 8Page - Burr-Brown (TI) OPA3875IDBQ Datasheet HTML 9Page - Burr-Brown (TI) OPA3875IDBQ Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
www.ti.com
-60
-65
-70
-75
-80
-85
-90
Resistance( )
W
100
1k
V =2V
O
PP
f=10MHz
2nd-Harmonic
3rd-Harmonic
dBc=dBBelowCarrier
-40
-45
-50
-55
-60
-65
-70
-75
-80
-85
-90
-95
SupplyVoltage( V)
±
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
V =2V
O
PP
R =150W
L
f=10MHz
3rd-Harmonic
2nd-Harmonic
dBc=dBBelowCarrier
-45
-50
-55
-60
-65
-70
-75
-80
-85
-90
-95
-100
Frequency(MHz)
1
10
100
V =2V
O
PP
R =150
L
W
2nd-Harmonic
3rd-Harmonic
dBc=dBBelowCarrier
-50
-55
-60
-65
-70
-75
-80
-85
-90
-95
-100
OutputVoltageSwing(V )
PP
0.5
1.5
2.5
3.5
4.5
5.5
6.5 7.0
R =150
L
W
f=10MHz
dBc=dBBelowCarrier
2nd-Harmonic
3rd-Harmonic
-50
-60
-70
-80
-90
-100
Single-ToneLoadPower(dBm)
-6
-4
-2
0
2
4
6
8
10
R =100W
L
LoadPoweratMatched50
Load
W
dBc=dBBelowCarrier
50MHz
20MHz
10MHz
5
4
3
2
1
0
-1
-2
-3
-4
-5
I (mA)
O
-200
-150
-100
-50
0
50
100
150
200
1WInternal
PowerLimit
1WInternal
PowerLimit
50
LoadLine
W
100
LoadLine
W
25
LoadLine
W
OPA3875
SBOS341B – DECEMBER 2006 – REVISED DECEMBER 2006
TYPICAL CHARACTERISTICS: V
S = ±5V (continued)
At G = +2 and R
L = 150Ω, unless otherwise noted.
HARMONIC DISTORTION vs LOAD RESISTANCE
HARMONIC DISTORTION vs SUPPLY VOLTAGE
Figure 7.
Figure 8.
HARMONIC DISTORTION vs FREQUENCY
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Figure 9.
Figure 10.
TWO-TONE, 3RD-ORDER INTERMODULATION SPURIOUS
OUTPUT VOLTAGE AND CURRENT LIMITIATIONS
Figure 11.
Figure 12.
6
Submit Documentation Feedback


Similar Part No. - OPA3875IDBQ

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
688Kb / 21P
   Single 2:1 High-Speed Video Multiplexer
More results

Similar Description - OPA3875IDBQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6572 TI1-LMH6572 Datasheet
1Mb / 20P
[Old version datasheet]   LMH6572 Triple 2:1 High Speed Video Multiplexer
logo
Fairchild Semiconductor
FHP3392 FAIRCHILD-FHP3392 Datasheet
462Kb / 7P
   Fixed-Gain, 짹5V, Triple 2:1, High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
   2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6570 TI1-LMH6570 Datasheet
1Mb / 26P
[Old version datasheet]   LMH6570 2:1 High Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
   Single 2:1 High-Speed Video Multiplexer
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
[Old version datasheet]   Single 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
   4:1 High Speed Video Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com