Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2691 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2691
Description  Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2691 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA2691 Datasheet HTML 1Page - Burr-Brown (TI) OPA2691 Datasheet HTML 2Page - Burr-Brown (TI) OPA2691 Datasheet HTML 3Page - Burr-Brown (TI) OPA2691 Datasheet HTML 4Page - Burr-Brown (TI) OPA2691 Datasheet HTML 5Page - Burr-Brown (TI) OPA2691 Datasheet HTML 6Page - Burr-Brown (TI) OPA2691 Datasheet HTML 7Page - Burr-Brown (TI) OPA2691 Datasheet HTML 8Page - Burr-Brown (TI) OPA2691 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
OPA
369
5
BurrBrown Products
from Texas Instruments
FEATURES
DESCRIPTION
APPLICATIONS
OPA3693 RELATED PRODUCTS
1/3
OPA3693
300W
300W
75W
75W
RG-59
V
R
1/3
OPA3693
300W
300W
75W
75W
RG-59
V
G
1/3
OPA3693
300W
300W
75W
75
Cable
W
75
Cable
W
75
Cable
W
75W
RG-59
V
B
OPA3693
SBOS353 – DECEMBER 2006
Triple, Ultra-Wideband, Fixed-Gain,
VIDEO BUFFER with Disable
• 650MHz BANDWIDTH (G = +2)
The OPA3693 provides an easy to use, broadband,
triple, fixed-gain buffer amplifier. Depending on the
• FIXED GAIN OF ±1 or +2
external connections, the internal resistor network
• OUTPUT VOLTAGE SWING: ±4.1V
may be used to provide either a fixed gain of +2
• ULTRA-HIGH SLEW RATE: 2500V/µs
video buffer or a gain of +1 or –1 voltage buffer. The
• 3RD-ORDER INTERCEPT: > 40dBm
OPA3693
offers
a
slew
rate
(2500V/
µs) and
bandwidth (> 800MHz) normally associated with a
(f < 50MHz)
much higher supply current. A new output stage
• LOW POWER: 130mW/channel
architecture delivers high output current with a
• LOW DISABLED POWER: 0.4mW/channel
minimal headroom and crossover distortion. This
combination of features makes the OPA3693 an
ideal RGB line driver or single-supply undersampling
analog-to-digital converter (ADC) input driver.
• MULTIPLE LINE VIDEO DISTRIBUTION
AMPLIFIER (DA)
The OPA3693 13mA/channel supply current is
• PORTABLE INSTRUMENTS
precisely trimmed at +25
°C. This trim, along with a
• BROADBAND VIDEO LINE DRIVERS
low temperature drift, gives lower system power over
temperature. System power can be further reduced
• ADC BUFFERS
using the optional disable control pin. Leaving this
• HIGH-FREQUENCY ACTIVE FILTERS
pin open, or holding it HIGH, gives normal operation.
If pulled LOW, the OPA3693 supply current drops to
less than 130
µA/channel. This power-saving feature,
along with exceptional single +5V operation, make
the OPA3693 ideal for portable applications. The
OPA3693 is available in an SSOP-16 package.
FEATURE
SINGLES
DUALS
TRIPLES
Voltage
OPA690
OPA2690
OPA3690
Feedback
Current
OPA691
OPA2691
OPA3691
Feedback
Fixed Gain
OPA692
OPA3692
Fixed Gain
OPA693
>900MHz
OPA695
OPA2695
OPA3695
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA2691

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2691 TI-OPA2691 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA2691 TI1-OPA2691 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2691 TI-OPA2691 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2691 TI1-OPA2691 Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA2691 TI-OPA2691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results

Similar Description - OPA2691

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3693 BURR-BROWN-OPA3693 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
logo
Texas Instruments
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3682 BURR-BROWN-OPA3682 Datasheet
234Kb / 19P
   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
logo
Burr-Brown (TI)
OPA2682 BURR-BROWN-OPA2682 Datasheet
182Kb / 19P
   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com