Electronic Components Datasheet Search |
|
ADS8330 Datasheet(PDF) 2 Page - Burr-Brown (TI) |
|
|
ADS8330 Datasheet(HTML) 2 Page - Burr-Brown (TI) |
2 / 42 page www.ti.com ABSOLUTE MAXIMUM RATINGS ADS8329 ADS8330 SLAS516 – DECEMBER 2006 These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. ORDERING INFORMATION(1) MAXIMUM MAXIMUM MAXIMUM TRANSPORT INTEGRAL DIFFERENTIAL OFFSET PACKAGE PACKAGE TEMPERATURE ORDERING MODEL MEDIA LINEARITY LINEARITY ERROR TYPE DESIGNATOR RANGE INFORMATION QUANTITY (LSB) (LSB) (mV) Small tape and ADS8329IRSAT reel 250 ADS8329I ±2.5 –1/+2 ±0.8 4X4 QFN-16 RSA –40°C to 85°C Tape and reel ADS8329IRSAR 3000 Small tape and ADS8329IBRSAT reel 250 ADS8329IB ±1.75 ±1 ±0.5 4X4 QFN-16 RSA –40°C to 85°C Tape and reel ADS8329IBRSAR 3000 Small tape and ADS8330IRSAT reel 250 ADS8330I ±2.5 –1/+2 ±0.8 4X4 QFN-16 RSA –40°C to 85°C Tape and reel ADS8330IRSAR 3000 Small tape and ADS8330IBRSAT reel 250 ADS8330IB ±1.75 ±1 ±0.5 4X4 QFN-16 RSA –40°C to 85°C Tape and reel ADS8330IBRSAR 3000 (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. over operating free-air temperature range unless otherwise noted(1) UNIT +IN to AGND –0.3 V to +VA + 0.3 V Voltage –IN to AGND –0.3 V to +VA + 0.3 V +VA to AGND –0.3 V to 7 V Voltage +VBD to BDGND –0.3 V to 7 V AGND to BDGND –0.3 V to 0.3 V Digital input voltage to BDGND –0.3 V to +VBD + 0.3 V Digital output voltage to BDGND –0.3 V to +VBD + 0.3 V TA Operating free-air temperature range –40°C to 85°C Tstg Storage temperature range –65°C to 150°C Junction temperature (TJ max) 150°C Vapor phase (60 sec) 215°C Lead temperature, soldering Infrared (15 sec) 220°C 4x4 QFN-16 Package Power dissipation (TJMax - TA)/θJA θ JA thermal impedance 47°C/W (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2 Submit Documentation Feedback |
Similar Part No. - ADS8330 |
|
Similar Description - ADS8330 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |