Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSAL200 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSAL200
Description  Wide Bandwidth Quad 2:1 Analog Multiplexer / Demultiplexer Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSAL200 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSAL200 Datasheet HTML 1Page - Fairchild Semiconductor FSAL200 Datasheet HTML 2Page - Fairchild Semiconductor FSAL200 Datasheet HTML 3Page - Fairchild Semiconductor FSAL200 Datasheet HTML 4Page - Fairchild Semiconductor FSAL200 Datasheet HTML 5Page - Fairchild Semiconductor FSAL200 Datasheet HTML 6Page - Fairchild Semiconductor FSAL200 Datasheet HTML 7Page - Fairchild Semiconductor FSAL200 Datasheet HTML 8Page - Fairchild Semiconductor FSAL200 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Device Number Rev. 1.7.0
5
AC Electrical Characteristics
6. Guaranteed by design.
7. Off Isolation = 20 log10 [VA / VBn].
Capacitance(8)
8. TA = +25°C, f = 1 MHz. Capacitance is characterized, but not tested in production.
Symbol
Parameter
Conditions
VCC
TA = -40°C to +85°C
Units
(V)
Min.
Typ.
Max.
Figure
tON
Turn-On Time
VBn = 3V
4.5 - 5.5
10
20
ns
Figure 1
Figure 2
S to Output
VBn = 1.5V
3.0 - 3.6
28
40
ns
tOFF
Turn-Off Time
VBn = 3V
4.5 - 5.5
5
10
ns
Figure 1
Figure 2
S to Output
VBn = 1.5V
3.0 - 3.6
4
20
ns
Q
Charge Injection(6)
CL = 0.1 nF, VGEN
= 0V
5.0
7
pC
Figure 3
RGEN = 0Ω
3.3
3
OIRR
Off Isolation(7)
RL = 100Ω
4.5 - 5.5
-55
dB
Figure 4
f = 30 MHz
RL = 50Ω
3.0 - 3.6
-75
dB
Figure 4
f = 1 MHz
Xtalk
Crosstalk
RL = 100Ω
4.5 - 5.5
-70
dB
Figure 5
f = 30 MHz
RL = 50Ω
3.0 - 3.6
-75
dB
Figure 5
f = 1 MHz
BW
-3dB Bandwidth
RL = 100Ω
4.5 - 5.5
137
MHz
Figure 8
RL = 50Ω
3.0 - 3.6
110
MHz
Figure 8
D
ΔRON/RL Distortion(6)
RL = 100Ω
4.5 - 5.5
2
%
3.0 - 3.6
3
Symbol
Parameter
Conditions
Typ.
Max.
Units.
Figure
CIN
Control Pin Input Capacitance
VCC = 0V
2.3
pF
CIO-B
B Port Off Capacitance
VCC = 5.0V and 3.0V
8
pF
Figure 6
A Port Off Capacitance
VCC = 5.0V and 3.0V
13
pF
Figure 7
CON
Channel On Capacitance
VCC = 5.0V and 3.0V
15
pF
Figure 7


Similar Part No. - FSAL200

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAL200 FAIRCHILD-FSAL200 Datasheet
84Kb / 6P
   Wide Bandwidth Quad 2:1 Analog Multiplexer/Demultiplexer Switch
FSAL200 FAIRCHILD-FSAL200 Datasheet
259Kb / 11P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
logo
ON Semiconductor
FSAL200 ONSEMI-FSAL200 Datasheet
320Kb / 13P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
October 2007 Rev. 1.7.1
logo
Fairchild Semiconductor
FSAL200MTC FAIRCHILD-FSAL200MTC Datasheet
259Kb / 11P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
logo
ON Semiconductor
FSAL200MTC ONSEMI-FSAL200MTC Datasheet
320Kb / 13P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
October 2007 Rev. 1.7.1
More results

Similar Description - FSAL200

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAL200 FAIRCHILD-FSAL200 Datasheet
84Kb / 6P
   Wide Bandwidth Quad 2:1 Analog Multiplexer/Demultiplexer Switch
logo
ON Semiconductor
FSAL200 ONSEMI-FSAL200 Datasheet
320Kb / 13P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
October 2007 Rev. 1.7.1
logo
Fairchild Semiconductor
FSAL200 FAIRCHILD-FSAL200_07 Datasheet
259Kb / 11P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
logo
Analog Devices
ADG791A AD-ADG791A_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791G AD-ADG791G_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
logo
ON Semiconductor
MC74LVX4066 ONSEMI-MC74LVX4066_11 Datasheet
196Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
265Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 1
MC54-74HC4016 ONSEMI-MC54-74HC4016 Datasheet
349Kb / 11P
   Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
MC74HCT4066A ONSEMI-MC74HCT4066A Datasheet
174Kb / 13P
   Quad Analog Switch Multiplexer/Demultiplexer
November, 2010 ??Rev. 1
MC74HC4316A ONSEMI-MC74HC4316A_14 Datasheet
157Kb / 10P
   Quad Analog Switch/ Multiplexer/Demultiplexer
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com