Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCE421RGET Datasheet(PDF) 5 Page - Texas Instruments

Part # CDCE421RGET
Description  Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE421RGET Datasheet(HTML) 5 Page - Texas Instruments

  CDCE421RGET Datasheet HTML 1Page - Texas Instruments CDCE421RGET Datasheet HTML 2Page - Texas Instruments CDCE421RGET Datasheet HTML 3Page - Texas Instruments CDCE421RGET Datasheet HTML 4Page - Texas Instruments CDCE421RGET Datasheet HTML 5Page - Texas Instruments CDCE421RGET Datasheet HTML 6Page - Texas Instruments CDCE421RGET Datasheet HTML 7Page - Texas Instruments CDCE421RGET Datasheet HTML 8Page - Texas Instruments CDCE421RGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
www.ti.com
Power Up Reset
Completed
SDATA = 111011
SDATA =
111 0000 0000
SDATA =
111 1111 0000
SDATA =
111 0000 0000
SDATA =
111 0101 0101
SDATA =
111 1111 1111
SDATA = 001100
SDATA =
100 xxxxxxxx
SDATA =
000 xxxxxxxx
SDATA =
010 xxxxxxxx
SDATA =
110 xxxxxxxx
SDATA =
001 xxxxxxxx
SDATA =
101 xxxxxxxx
PowerUp:
Read
EEPROM&
Configure
State1:IDLE
Normal
Operation
State2:
Programming
Mode
11Bit
Written
th
11Bit
Written
th
11Bit
Written
th
11Bit
Written
th
11Bit
Written
th
11Bit
Written
th
Write
WORD0
Write
WORD1
Write
WORD2
Write
WORD3
Write
WORD4
Write
WORD5
State4:
Programming
EEPROM
Locking
State3:
Programming
EEPROM
NoLocking
60
th
Clock Applied
State5:
ReadBack
Mode
F0016-02
CDCE421
SCAS842 – APRIL 2007
SDATA
FUNCTION
001 xxxx xxxx
Write to Word4 (State 2)(1) (2) (3)
101 xxxx xxxx
Write to Word5 (State 2)(1) (2) (3)
111 xxxx xxxx
State machine jump: All other patterns not defined as follows cause an exit to normal mode.
111 0101 0101
Jump: Enter EEPROM programming with EEPROM lock (State 2
→ State 3)
111 1111 0000
Jump: Enter EEPROM programming without EEPROM lock (State 2
→ State 4)
111 0000 0000
Jump: Exit EEPROM programming (State 3 or State 4
→ State 1)
NOTE: In States 2, 3, 4, and 5, the signal pin CE is disregarded and has no influence on power down.
Figure 2. State Flow-Diagram of Single-Pin Interface
5
Submit Documentation Feedback


Similar Part No. - CDCE421RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE421RGET TI1-CDCE421RGET Datasheet
884Kb / 24P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421RGETG4 TI1-CDCE421RGETG4 Datasheet
884Kb / 24P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
More results

Similar Description - CDCE421RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE421A TI1-CDCE421A Datasheet
815Kb / 27P
[Old version datasheet]   Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
CDCE421 TI1-CDCE421_15 Datasheet
884Kb / 24P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDC421A100 TI1-CDC421A100 Datasheet
619Kb / 15P
[Old version datasheet]   Fully-Integrated, Fixed-Frequency, Low-Jitter Crystal Oscillator Clock Generator
CDC421XXX TI-CDC421XXX Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDC421100RGER TI1-CDC421100RGER_14 Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
logo
Maxim Integrated Produc...
MAX3637 MAXIM-MAX3637 Datasheet
2Mb / 23P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
MAX3638 MAXIM-MAX3638 Datasheet
2Mb / 22P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
MAX3639 MAXIM-MAX3639 Datasheet
3Mb / 24P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
logo
Asahi Kasei Microsystem...
AK8185A AKM-AK8185A Datasheet
190Kb / 12P
   Low - Jitter Clock Generator with Integrated VCO
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com